Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ64GP710 Datasheet(PDF) 321 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 321 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 314Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 315Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 316Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 317Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 318Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 319Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 320Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 321Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 322Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 321 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 319
dsPIC33FJXXXGPX06/X08/X10
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Architecture:
33
=
16-bit Digital Signal Controller
Flash Memory Family: FJ
=
Flash program memory, 3.3V
Product Group:
GP2
=
General purpose family
GP3
=
General purpose family
GP5
=
General purpose family
GP7
=
General purpose family
Pin Count:
06
=
64-pin
08
=
80-pin
10
=
100-pin
Temperature Range:
I
= -40
°C to +85°C
(Industrial)
Package:
PT
=
10x10 or 12x12 mm TQFP (Thin Quad Flatpack)
PF
=
14x14 mm TQFP (Thin Quad Flatpack)
Pattern
Three-digit QTP, SQTP, Code or Special Requirements
(blank otherwise)
ES
=
Engineering Sample
Examples:
a)
dsPIC33FJ256GP710I/PT:
General-purpose dsPIC33, 64 KB program
memory, 100-pin, Industrial temp.,
TQFP package.
Microchip Trademark
Architecture
Flash Memory Family
Program Memory Size (KB)
Product Group
Pin Count
Temperature Range
Package
Pattern
dsPIC 33 FJ 256 GP7 10 T I / PT - XXX
Tape and Reel Flag (if applicable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com