| Electronic Components Datasheet Search |
|
DSPIC33FJ64GP710 Datasheet(PDF) 129 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ64GP710 Datasheet(HTML) 129 Page - Microchip Technology |
|
129 / 322 page ![]() © 2009 Microchip Technology Inc. DS70286C-page 127 dsPIC33FJXXXGPX06/X08/X10 8.0 DIRECT MEMORY ACCESS (DMA) Direct Memory Access (DMA) is a very efficient mechanism of copying data between peripheral SFRs (e.g., UART Receive register, Input Capture 1 buffer), and buffers or variables stored in RAM, with minimal CPU intervention. The DMA controller can automatically copy entire blocks of data without requiring the user software to read or write the peripheral Special Function Registers (SFRs) every time a peripheral interrupt occurs. The DMA controller uses a dedicated bus for data transfers and therefore, does not steal cycles from the code execution flow of the CPU. To exploit the DMA capability, the corresponding user buffers or variables must be located in DMA RAM. The dsPIC33FJXXXGPX06/X08/X10 peripherals that can utilize DMA are listed in Table 8-1 along with their associated Interrupt Request (IRQ) numbers. TABLE 8-1: PERIPHERALS WITH DMA SUPPORT The DMA controller features eight identical data transfer channels. Each channel has its own set of control and status registers. Each DMA channel can be configured to copy data either from buffers stored in dual port DMA RAM to peripheral SFRs, or from peripheral SFRs to buffers in DMA RAM. The DMA controller supports the following features: • Word or byte sized data transfers. • Transfers from peripheral to DMA RAM or DMA RAM to peripheral. • Indirect Addressing of DMA RAM locations with or without automatic post-increment. • Peripheral Indirect Addressing – In some peripherals, the DMA RAM read/write addresses may be partially derived from the peripheral. • One-Shot Block Transfers – Terminating DMA transfer after one block transfer. • Continuous Block Transfers – Reloading DMA RAM buffer start address after every block transfer is complete. • Ping-Pong Mode – Switching between two DMA RAM start addresses between successive block transfers, thereby filling two buffers alternately. • Automatic or manual initiation of block transfers • Each channel can select from 20 possible sources of data sources or destinations. For each DMA channel, a DMA interrupt request is generated when a block transfer is complete. Alternatively, an interrupt can be generated when half of the block has been filled. Note: This data sheet summarizes the features of the dsPIC33FJXXXGPX06/X08/X10 family of devices. However, it is not intended to be a comprehensive reference source. To complement the information in this data sheet, refer to Section 22. “Direct Memory Access (DMA)” (DS70182) in the “dsPIC33F Family Reference Manual”, which is available from the Microchip web site (www.microchip.com). Peripheral IRQ Number INT0 0 Input Capture 1 1 Input Capture 2 5 Output Compare 1 2 Output Compare 2 6 Timer2 7 Timer3 8 SPI1 10 SPI2 33 UART1 Reception 11 UART1 Transmission 12 UART2 Reception 30 UART2 Transmission 31 ADC1 13 ADC2 21 DCI 60 ECAN1 Reception 34 ECAN1 Transmission 70 ECAN2 Reception 55 ECAN2 Transmission 71 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |