Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710 Datasheet(PDF) 243 Page - Microchip Technology

Part # DSPIC33FJ256GP710
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710 Datasheet(HTML) 243 Page - Microchip Technology

Back Button DSPIC33FJ256GP710 Datasheet HTML 239Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 240Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 241Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 242Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 243Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 244Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 245Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 246Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 241
dsPIC33FJXXXGPX06/X08/X10
22.2
On-Chip Voltage Regulator
All of the dsPIC33FJXXXGPX06/X08/X10 devices
power their core digital logic at a nominal 2.5V. This
may create an issue for designs that are required to
operate at a higher typical voltage, such as 3.3V. To
simplify
system
design,
all
devices
in
the
dsPIC33FJXXXGPX06/X08/X10 family incorporate an
on-chip regulator that allows the device to run its core
logic from VDD.
The regulator provides power to the core from the
other VDD pins. The regulator requires that a
low-ESR (less than 5 ohms) capacitor (such as
tantalum
or
ceramic)
be
connected
to
the
VCAP/VDDCORE pin (Figure 22-1). This helps to
maintain
the
stability
of
the
regulator.
The
recommended value for the filter capacitor is
provided in Table 25-13 of Section 25.0 “Electrical
Characteristics”.
On a POR
, it takes approximately 20 μs for the on-chip
voltage regulator to generate an output voltage. During
this time, designated as TSTARTUP, code execution is
disabled. TSTARTUP is applied every time the device
resumes operation after any power-down.
FIGURE 22-1:
CONNECTIONS FOR THE
ON-CHIP VOLTAGE
REGULATOR(1)
22.3
BOR: Brown-Out Reset
The BOR (Brown-out Reset) module is based on an
internal voltage reference circuit that monitors the
regulated voltage VCAP/VDDCORE. The main purpose of
the BOR module is to generate a device Reset when a
brown-out condition occurs. Brown-out conditions are
generally caused by glitches on the AC mains (i.e.,
missing portions of the AC cycle waveform due to bad
power transmission lines or voltage sags due to
excessive current draw when a large inductive load is
turned on).
A BOR will generate a Reset pulse which will reset the
device. The BOR will select the clock source, based on
the device Configuration bit values (FNOSC<2:0> and
POSCMD<1:0>). Furthermore, if an oscillator mode is
selected, the BOR will activate the Oscillator Start-up
Timer (OST). The system clock is held until OST
expires. If the PLL is used, then the clock will be held
until the LOCK bit (OSCCON<5>) is ‘1’.
Concurrently, the PWRT time-out (TPWRT) will be
applied before the internal Reset is released. If
TPWRT = 0 and a crystal oscillator is being used, then
a nominal delay of TFSCM = 100 is applied. The total
delay in this case is TFSCM.
The BOR Status bit (RCON<1>) will be set to indicate
that a BOR has occurred. The BOR circuit continues to
operate while in Sleep or Idle modes and will reset the
device should VDD fall below the BOR threshold
voltage.
Note:
It is important for the low-ESR capacitor to
be placed as close as possible to the
VCAP/VDDCORE pin.
Note 1:
These are typical operating voltages. Refer to
TABLE 25-13: “Internal Voltage Regulator
Specifications” located in Section 25.1 “DC
Characteristics” for the full operating ranges
of VDD and VCAP/VDDCORE.
2:
It is important for the low-ESR capacitor to be
placed as close as possible to the
VCAP/VDDCORE pin.
VDD
VCAP/VDDCORE
VSS
dsPIC33F
CEFC
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com