Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMMG300D060B6N Datasheet(PDF) 1 Page - Micross Components

Part # MIMMG300D060B6N
Description  600V 300A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG300D060B6N Datasheet(HTML) 1 Page - Micross Components

  MIMMG300D060B6N Datasheet HTML 1Page - Micross Components MIMMG300D060B6N Datasheet HTML 2Page - Micross Components MIMMG300D060B6N Datasheet HTML 3Page - Micross Components MIMMG300D060B6N Datasheet HTML 4Page - Micross Components MIMMG300D060B6N Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MIMMG300D060B6N
600V 300A IGBT Module
RoHS Compliant
FEATURES
·
Ultra Low Loss
GD Series Module
·
High Ruggedness
·
High Short Circuit Capability
·
Positive Temperature Coefficient
·
Integrated Gate Resistor
APPLICATIONS
·
Invertor
·
Convertor
·
Welder
·
SMPS and UPS
·
Induction Heating
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Values
Unit
IGBT
VCES
Collector - Emitter Voltage
600
V
VGES
Gate - Emitter Voltage
±
20
V
TC=25°C
360
A
IC
DC Collector Current
TC=60°C
300
A
TC=25°C, tp=1ms
720
A
ICpuls
Pulsed Collector Current
TC=60°C, tp=1ms
600
A
Ptot
Power Dissipation Per IGBT
1250
W
TJ
Junction Temperature Range
-40 to +150
°C
TSTG
Storage Temperature Range
-40 to +125
°C
Visol
Insulation Test Voltage
AC, t=1min
3000
V
Free-Wheeling Diode
VRRM
Repetitive Reverse Voltage
600
V
TC=25°C
300
A
IF(AV)
Average Forward Current
TC=60°C
250
A
IF(RMS)
RMS Forward Current
440
A
TJ=45°C, t=10ms, Sine
1000
A
IFSM
Non-Repetitive Surge
Forward Current
TJ=45°C, t=8.3ms, Sine
1090
A


Similar Part No. - MIMMG300D060B6N

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG300D060B6EN MICROSS-MIMMG300D060B6EN Datasheet
2Mb / 5P
600V 300A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG300D060B6N

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG300D060B6EN MICROSS-MIMMG300D060B6EN Datasheet
2Mb / 5P
600V 300A IGBT Module RoHS Compliant
MIMMF300Y060DK1 MICROSS-MIMMF300Y060DK1 Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
MIMMF300N060DA6B MICROSS-MIMMF300N060DA6B Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
MIMMF300S060DK2B MICROSS-MIMMF300S060DK2B Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
MIMMF300S060B MICROSS-MIMMF300S060B Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
MIMMG300DR120B MICROSS-MIMMG300DR120B Datasheet
2Mb / 5P
1200V 300A IGBT Module RoHS Compliant
MIMMG300D120B6TN MICROSS-MIMMG300D120B6TN Datasheet
2Mb / 5P
1200V 300A IGBT Module RoHS Compliant
MIMMG300DR170B MICROSS-MIMMG300DR170B Datasheet
2Mb / 5P
1700V 300A IGBT Module RoHS Compliant
MIMMG300WB120B6TN MICROSS-MIMMG300WB120B6TN Datasheet
2Mb / 5P
1200V 300A Dual IGBT Module RoHS Compliant
logo
Littelfuse
MG06300D-BN4MM LITTELFUSE-MG06300D-BN4MM Datasheet
1Mb / 5P
600V 300A IGBT Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com