Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMMG300D060B6N Datasheet(PDF) 3 Page - Micross Components

Part # MIMMG300D060B6N
Description  600V 300A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG300D060B6N Datasheet(HTML) 3 Page - Micross Components

  MIMMG300D060B6N Datasheet HTML 1Page - Micross Components MIMMG300D060B6N Datasheet HTML 2Page - Micross Components MIMMG300D060B6N Datasheet HTML 3Page - Micross Components MIMMG300D060B6N Datasheet HTML 4Page - Micross Components MIMMG300D060B6N Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MIMMG300D060B6N
600
600
VCE=20V
500
500
400
400
TJ =25°C
300
300
VCE(sat)(V)
Figure1. Typical Output characteristics
TJ =125°C
200
200
TJ =125°C
TJ =25°C
100
100
0
0
0
1
1.5
2.5
3.5
0
VGE(V)
Figure2. Typical Transfer characteristics
14
2
4
6
8
10
12
2
3
0.5
24
24
20
20
16
12
8
4
0 100
300
IC(A)
Figure3. Switching Energy vs. Collector Current
VCC=300V
RG=3ohm
VGE=±15V
TJ =125°C
Eon
Eoff
700
600
500
400
200
0
8
16
4
00
2
4
6
8
10
12
Eon
Eoff
RG(ohm)
Figure4. Switching Energy vs. Gate Resistor
14
VCC=300V
IC=300A
VGE=±15V
TJ =125°C
12
td(off)
1000
100
0
60
180
IC(A)
Figure5. Switching Times vs. Collector Current
VCC=300V
RG=3ohm
VGE=±15V
TJ =125°C
td(off)
tf
td(on)
tr
420
360
300
240
120
10
10
VCC=300V
IC=300A
VGE=±15V
TJ =125°C
tf
tr
td(on)
100
0
2
4
6
8
10
12
RG(ohm)
Figure6. Switching Times vs. Gate Resistor
14
1000


Similar Part No. - MIMMG300D060B6N

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG300D060B6EN MICROSS-MIMMG300D060B6EN Datasheet
2Mb / 5P
   600V 300A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG300D060B6N

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG300D060B6EN MICROSS-MIMMG300D060B6EN Datasheet
2Mb / 5P
   600V 300A IGBT Module RoHS Compliant
MIMMF300Y060DK1 MICROSS-MIMMF300Y060DK1 Datasheet
1Mb / 3P
   600V 300A FRED Module RoHS Compliant
MIMMF300N060DA6B MICROSS-MIMMF300N060DA6B Datasheet
1Mb / 3P
   600V 300A FRED Module RoHS Compliant
MIMMF300S060DK2B MICROSS-MIMMF300S060DK2B Datasheet
1Mb / 3P
   600V 300A FRED Module RoHS Compliant
MIMMF300S060B MICROSS-MIMMF300S060B Datasheet
1Mb / 3P
   600V 300A FRED Module RoHS Compliant
MIMMG300DR120B MICROSS-MIMMG300DR120B Datasheet
2Mb / 5P
   1200V 300A IGBT Module RoHS Compliant
MIMMG300D120B6TN MICROSS-MIMMG300D120B6TN Datasheet
2Mb / 5P
   1200V 300A IGBT Module RoHS Compliant
MIMMG300DR170B MICROSS-MIMMG300DR170B Datasheet
2Mb / 5P
   1700V 300A IGBT Module RoHS Compliant
MIMMG300WB120B6TN MICROSS-MIMMG300WB120B6TN Datasheet
2Mb / 5P
   1200V 300A Dual IGBT Module RoHS Compliant
logo
Littelfuse
MG06300D-BN4MM LITTELFUSE-MG06300D-BN4MM Datasheet
1Mb / 5P
   600V 300A IGBT Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com