Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMMF300S060B Datasheet(PDF) 1 Page - Micross Components

Part # MIMMF300S060B
Description  600V 300A FRED Module RoHS Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMF300S060B Datasheet(HTML) 1 Page - Micross Components

  MIMMF300S060B Datasheet HTML 1Page - Micross Components MIMMF300S060B Datasheet HTML 2Page - Micross Components MIMMF300S060B Datasheet HTML 3Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MIMMF300S060B
MIMMF300S060B2B
600V 300A FRED Module
RoHS Compliant
PRODUCT FEATURES
Ultrafast Reverse Recovery Time
Soft Reverse Recovery Characteristics
Low Reverse Recovery Loss
Low Forward Voltage
High Surge Current Capability
Low Inductance Package
APPLICATIONS
Inversion Welder
Uninterruptible Power Supply (UPS)
Plating Power Supply
Ultrasonic Cleaner and Welder
Converter & Chopper
Power Factor Correction (PFC) Circuit
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Values
Unit
VR
Maximum D.C. Reverse Voltage
600
V
VRRM
Maximum Repetitive Reverse Voltage
600
V
TC=110°C, Per Diode
300
A
IF(AV)
Average Forward Current
TC=120°C, 20KHz, Per Moudle
400
A
IF(RMS)
RMS Forward Current
TC=110°C, Per Diode
420
A
TJ=45°C, t=10ms, 50Hz, Sine
3000
A
IFSM
Non-Repetitive Surge
Forward Current
TJ=45°C, t=8.3ms, 60Hz, Sine
3200
A
TJ=45°C, t=10ms, 50Hz, Sine
45000
A2s
I2t
I2t (For Fusing)
TJ=45°C, t=8.3ms, 60Hz, Sine
51200
A2s
PD
Power Dissipation
893
W
TJ
Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
-40 to +125
°C
Visol
Insulation Test Voltage
AC, t=1min
3000
V
Torque
Module-to-Sink
Recommended(M6)
3~5
N·m
Torque
Module Electrodes
Recommended(M6)
3~5
N·m
RθJC
Thermal Resistance
Junction-to-Case
0.14
°C /W
Weight
155
g


Similar Part No. - MIMMF300S060B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMF300S060DK MICROSS-MIMMF300S060DK Datasheet
1Mb / 3P
   600V 300A FRED Module RoHS Compliant
MIMMF300S060DK MICROSS-MIMMF300S060DK Datasheet
1Mb / 3P
   FRED Module RoHS Compliant
MIMMF300S060DK2B MICROSS-MIMMF300S060DK2B Datasheet
1Mb / 3P
   600V 300A FRED Module RoHS Compliant
MIMMF300S060DK2B MICROSS-MIMMF300S060DK2B Datasheet
1Mb / 3P
   FRED Module RoHS Compliant
More results

Similar Description - MIMMF300S060B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMF300Y060DK1 MICROSS-MIMMF300Y060DK1 Datasheet
1Mb / 3P
   600V 300A FRED Module RoHS Compliant
MIMMF300N060DA6B MICROSS-MIMMF300N060DA6B Datasheet
1Mb / 3P
   600V 300A FRED Module RoHS Compliant
MIMMF300S060DK2B MICROSS-MIMMF300S060DK2B Datasheet
1Mb / 3P
   600V 300A FRED Module RoHS Compliant
MIMMF300S120B MICROSS-MIMMF300S120B Datasheet
1Mb / 3P
   1200V 300A FRED Module RoHS Compliant
MIMMF300YB050U MICROSS-MIMMF300YB050U Datasheet
1Mb / 3P
   500V 300A FRED Module RoHS Compliant
MIMMG300D060B6N MICROSS-MIMMG300D060B6N Datasheet
2Mb / 5P
   600V 300A IGBT Module RoHS Compliant
MIMMG300D060B6EN MICROSS-MIMMG300D060B6EN Datasheet
2Mb / 5P
   600V 300A IGBT Module RoHS Compliant
logo
MacMic
MMF300Y060DK1 MACMIC-MMF300Y060DK1 Datasheet
332Kb / 3P
   600V 300A FRED Module
MMF300S060B MACMIC-MMF300S060B Datasheet
393Kb / 3P
   600V 300A FRED Module
MMF300S060DA MACMIC-MMF300S060DA Datasheet
393Kb / 3P
   600V 300A FRED Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com