Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMMF300S060B Datasheet(PDF) 2 Page - Micross Components

Part # MIMMF300S060B
Description  600V 300A FRED Module RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMF300S060B Datasheet(HTML) 2 Page - Micross Components

  MIMMF300S060B Datasheet HTML 1Page - Micross Components MIMMF300S060B Datasheet HTML 2Page - Micross Components MIMMF300S060B Datasheet HTML 3Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MIMMF300S060B
MIMMF300S060B2B
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VR=600V
--
--
2
mA
IRM
Reverse Leakage Current
VR=600V, TJ=125°C
--
--
10
mA
IF=300A
--
1.15
1.65
V
VF
Forward Voltage
IF=300A, TJ=125°C
--
--
1.45
V
trr
Reverse Recovery Time
IF=1A, VR=30V, diF/dt=-200A/μs
--
55
--
ns
trr
Reverse Recovery Time
--
150
--
ns
IRRM
Max. Reverse Recovery Current
VR=300V, IF=300A
diF/dt=-200A/μs, TJ=25°C
--
17.5
--
A
trr
Reverse Recovery Time
--
245
--
ns
IRRM
Max. Reverse Recovery Current
VR=300V, IF=300A
diF/dt=-200A/μs, TJ=125°C
--
30
--
A
500
600
VR=300V
TJ =125°C
500
400
400
300
TJ =125°C
VF(V)
Figure1. Forward Voltage Drop vs Forward Current
TJ =25°C
300
200
100
0
0
0.5
1
1.5
2
2.5
diF/dt(A/μs)
Figure2. Reverse Recovery Time vs diF/dt
1000
800
600
400
200
0
0
100
200
IF=600A
IF=300A
IF=150A
150
12
VR=300V
TJ =125°C
VR=300V
TJ =125°C
10
120
4
6
8
IF=600A
IF=150A
IF=600A
IF=300A
IF=150A
IF=300A
90
60
30
2
0
diF/dt(A/μs)
Figure3. Reverse Recovery Current vs diF/dt
0
200
400
600
800
1000
diF/dt(A/μs)
Figure4. Reverse Recovery Charge vs diF/dt
0
200
400
600
800
1000
0


Similar Part No. - MIMMF300S060B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMF300S060DK MICROSS-MIMMF300S060DK Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
MIMMF300S060DK MICROSS-MIMMF300S060DK Datasheet
1Mb / 3P
FRED Module RoHS Compliant
MIMMF300S060DK2B MICROSS-MIMMF300S060DK2B Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
MIMMF300S060DK2B MICROSS-MIMMF300S060DK2B Datasheet
1Mb / 3P
FRED Module RoHS Compliant
More results

Similar Description - MIMMF300S060B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG300D060B6N MICROSS-MIMMG300D060B6N Datasheet
2Mb / 5P
600V 300A IGBT Module RoHS Compliant
MIMMG300D060B6EN MICROSS-MIMMG300D060B6EN Datasheet
2Mb / 5P
600V 300A IGBT Module RoHS Compliant
MIMMF300YB050U MICROSS-MIMMF300YB050U Datasheet
1Mb / 3P
500V 300A FRED Module RoHS Compliant
MIMMF300Y060DK1 MICROSS-MIMMF300Y060DK1 Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
MIMMF300S120B MICROSS-MIMMF300S120B Datasheet
1Mb / 3P
1200V 300A FRED Module RoHS Compliant
MIMMF300S060DK2B MICROSS-MIMMF300S060DK2B Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
MIMMF300N060DA6B MICROSS-MIMMF300N060DA6B Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
logo
MacMic
MMF300S060B MACMIC-MMF300S060B Datasheet
393Kb / 3P
600V 300A FRED Module
MMF300S060DA MACMIC-MMF300S060DA Datasheet
393Kb / 3P
600V 300A FRED Module
MMF300Y060DK1 MACMIC-MMF300Y060DK1 Datasheet
332Kb / 3P
600V 300A FRED Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com