Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMMF300S060B Datasheet(PDF) 3 Page - Micross Components

Part # MIMMF300S060B
Description  600V 300A FRED Module RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMF300S060B Datasheet(HTML) 3 Page - Micross Components

  MIMMF300S060B Datasheet HTML 1Page - Micross Components MIMMF300S060B Datasheet HTML 2Page - Micross Components MIMMF300S060B Datasheet HTML 3Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MIMMF300S060B
MIMMF300S060B2B
Qrr
IRRM
trr
1.5
1.2
0.9
0.6
0.3
0.0
0
25
50
75
10-3
10-2
10-1
1
10-4
10-4
10-3
10-2
10-1
1
Duty
0.5
0.2
0.1
0.05
Single Pulse
100
125
150
Rectangular Pulse Duration (seconds)
Figure6. Transient Thermal Impedance
TJ (°C)
Figure5. Dynamic Parameters vs Junction Temperature
Dimensions (mm)
Figure7. Package Outline


Similar Part No. - MIMMF300S060B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMF300S060DK MICROSS-MIMMF300S060DK Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
MIMMF300S060DK MICROSS-MIMMF300S060DK Datasheet
1Mb / 3P
FRED Module RoHS Compliant
MIMMF300S060DK2B MICROSS-MIMMF300S060DK2B Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
MIMMF300S060DK2B MICROSS-MIMMF300S060DK2B Datasheet
1Mb / 3P
FRED Module RoHS Compliant
More results

Similar Description - MIMMF300S060B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG300D060B6N MICROSS-MIMMG300D060B6N Datasheet
2Mb / 5P
600V 300A IGBT Module RoHS Compliant
MIMMG300D060B6EN MICROSS-MIMMG300D060B6EN Datasheet
2Mb / 5P
600V 300A IGBT Module RoHS Compliant
MIMMF300YB050U MICROSS-MIMMF300YB050U Datasheet
1Mb / 3P
500V 300A FRED Module RoHS Compliant
MIMMF300Y060DK1 MICROSS-MIMMF300Y060DK1 Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
MIMMF300S120B MICROSS-MIMMF300S120B Datasheet
1Mb / 3P
1200V 300A FRED Module RoHS Compliant
MIMMF300S060DK2B MICROSS-MIMMF300S060DK2B Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
MIMMF300N060DA6B MICROSS-MIMMF300N060DA6B Datasheet
1Mb / 3P
600V 300A FRED Module RoHS Compliant
logo
MacMic
MMF300S060B MACMIC-MMF300S060B Datasheet
393Kb / 3P
600V 300A FRED Module
MMF300S060DA MACMIC-MMF300S060DA Datasheet
393Kb / 3P
600V 300A FRED Module
MMF300Y060DK1 MACMIC-MMF300Y060DK1 Datasheet
332Kb / 3P
600V 300A FRED Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com