Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1403000000 Datasheet(PDF) 144 Page - List of Unclassifed Manufacturers

Part # 1403000000
Description  Let RoseBopla be your partner for standard or customized enclosures.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1403000000 Datasheet(HTML) 144 Page - List of Unclassifed Manufacturers

Back Button 1403000000 Datasheet HTML 140Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 141Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 142Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 143Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 144Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 145Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 146Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 147Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 148Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 164 page
background image
www.Rose-Bopla.com
142
Specifications
ABS
WEATHERABILITY OF
POLYCARBONATE
& ABS
Unlike the Rose
+Bopla compression molded and GFK fiberglass enclosures, our polycarbonate and ABS enclosures are
affected by weather, particularly, ultra-violet light.
The quality of most materials deteriorate if they are exposed to the weather for long periods of time.
For ABS moldings, exposure to direct sunlight is harmful. Yellowing of the material gradually leads to changes in most color
shades. The surface of the moldings lose their gloss, become harder and rough. If objects damaged in this way are subjected to
mechanical load (eg: impact), a marked reduction in their initial toughness is noticeable, particularly if the damaged side is situ-
ated in the tensile zone of deflection with prolonged exposure to ultra violet rays, fine micro cracks will appear. Fine micro
cracks act as notches. The original micro-crack damage itself only extends to a slight depth, and polishing the weathered sur-
face restores its original toughness.
To decide whether ABS or polycarbonate can be used depends on the extent to which it is affected by the above mentioned
changes, the design of the part, and its application.
For example, a part which suffers surface damage by impact in the compressive zone has a much better performance than a
part suffering impact in the tensile zone.
Polycarbonate is affected by weathering, but due to its general technical properties being higher in performance than ABS, the
polycarbonate parts will retain higher mechanical values after equal exposure to weather.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com