Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L152C8T6 Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM8L152C8T6
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C8T6 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM8L152C8T6 Datasheet HTML 126Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 127Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 128Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 129Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 130Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 131Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 132Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 133Page - STMicroelectronics STM8L152C8T6 Datasheet HTML 134Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 131 / 134 page
background image
DocID17943 Rev 6
131/134
STM8L15xx8, STM8L15xR6
Ordering information scheme
133
11
Ordering information scheme
For a list of available options (e.g. memory size, package) and orderable part numbers or for
further information on any aspect of this device, please go to www.st.com or contact the ST
Sales Office nearest to you.
Table 67. Ordering information scheme
Example:
STM8 L 152 C
8
T
6
D xx
Device family
STM8 microcontroller
Product type
L = Low power
Device subfamily
151: Devices without LCD
152: Devices with LCD
Pin count
C = 48 pins
R = 64 pins
M = 80 pins
Program memory size
8 = 64 Kbytes of Flash memory
6 = 32 Kbytes
Package
T = LQFP
U= UFQFPN
Temperature range
3 = Industrial temperature range, – 40 to 125 °C
7 = Industrial temperature range, – 40 to 105 °C
6 = Industrial temperature range, – 40 to 85 °C
Option
Blank = VDD range from 1.8 to 3.6 V and BOR enabled
D = VDD range from 1.65 to 3.6 V and BOR disabled
Packing
TR = tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com