Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WAU8822 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WAU8822
Description  24-bit Stereo Audio Codec with Speaker Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WAU8822 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  WAU8822 Datasheet HTML 1Page - List of Unclassifed Manufacturers WAU8822 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 2 page
background image
WAU8822 Data Sheet Rev 0.86
Page 7 of 21
September 4, 2008
emPowerAudio™
Electrical Characteristics, cont’d.
Conditions: VDDC = 1.8V, VDDA = VDDB = VCCSPK = 3.3V, MCLK = 12.88MHz,
TA = +25°C, 1kHz signal, fs = 48kHz, 24-bit audio data, unless otherwise stated.
Parameter
Symbol
Comments/Conditions
Min
Typ
Max
Units
Automatic Level Control (ALC) & Limiter: ADC path only
Target record level
-22.5
-1.5
dBFS
Programmable gain
-12
35.25
dB
Gain hold time
3
tHOLD
Doubles every gain step,
with 16 steps total
0 / 2.67 / 5.33 / … / 43691
ms
Gain ramp-up (decay)
3
tDCY
ALC Mode
ALC = 0
4 / 8 / 16 / … / 4096
ms
Limiter Mode
ALC = 1
1 / 2 / 4 / … / 1024
ms
Gain ramp-down (attack)
3
tATK
ALC Mode
ALC = 0
1 / 2 / 4 / … / 1024
ms
Limiter Mode
ALC = 1
0.25 / 0.5 / 1 / … / 128
ms
Mute Attenuation
120
dB
Microphone Bias
Bias voltage
VMICBIAS
See Figure 3
0.50, 0.60,0.65, 0.70,
0.75, 0.85, or 0.90
VDDA
VDDA
Bias current source
IMICBIAS
3
mA
Output noise voltage
Vn
1kHz to 20kHz
14
nV/√Hz
Digital Input/Output
Input HIGH level
VIL
0.7 *
VDDC
V
Input LOW level
VIH
0.3 *
VDDC
V
Output HIGH level
VOH
ILoad = 1mA
0.9 *
VDDC
V
Output LOW level
VOL
ILoad = -1mA
0.1 *
VDDC
V
Input capacitance
10
pF
Notes
1. Full Scale is relative to the magnitude of VDDA and can be calculated as FS = VDDA/3.3.
2. Distortion is measured in the standard way as the combined quantity of distortion products plus noise. The signal level for
distortion measurements is at 3dB below full scale, unless otherwise noted.
3. Time values scale proportionally with MCLK. Complete descriptions and definitions for these values are contained in the
detailed descriptions of the ALC functionality.
4. With default register settings, SPKVDD should be 1.5xVDDA (but not exceeding maximum recommended operating
voltage) to optimize available dynamic range in the AUXOUT1, AUXOU2, RSPKOUT, and LSPKOUT outputs stages.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com