| Electronic Components Datasheet Search |
|
AT80SND2CMP3B Datasheet(PDF) 111 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80SND2CMP3B Datasheet(HTML) 111 Page - ATMEL Corporation |
|
111 / 242 page ![]() 111 4341H–MP3–10/07 AT8xC51SND2C/MP3B 16.6.2 Bulk/Interrupt OUT Transactions in Ping-pong Mode Figure 16-10. Bulk/Interrupt OUT Transactions in Ping-pong Mode An endpoint should be first enabled and configured before being able to receive Bulk or Interrupt packets. When a valid OUT packet is received on the endpoint bank 0, the RXOUTB0 bit is set by the USB controller. This triggers an interrupt if enabled. The firmware has to select the correspond- ing endpoint, store the number of data Bytes by reading the UBYCTX register. If the received packet is a ZLP (Zero Length Packet), the UBYCTX register value is equal to 0 and no data has to be read. When all the endpoint FIFO Bytes have been read, the firmware should clear the RXOUB0 bit to allow the USB controller to accept the next OUT packet on the endpoint bank 0. This action switches the endpoint bank 0 and 1. Until the RXOUTB0 bit has been cleared by the firmware, the USB controller will answer a NAK handshake for each OUT requests on the bank 0 endpoint FIFO. When a new valid OUT packet is received on the endpoint bank 1, the RXOUTB1 bit is set by the USB controller. This triggers an interrupt if enabled. The firmware empties the bank 1 end- point FIFO before clearing the RXOUTB1 bit. Until the RXOUTB1 bit has been cleared by the firmware, the USB controller will answer a NAK handshake for each OUT requests on the bank 1 endpoint FIFO. The RXOUTB0 and RXOUTB1 bits are, alternatively, set by the USB controller at each new valid packet receipt. The firmware has to clear one of these 2 bits after having read all the data FIFO to allow a new valid packet to be stored in the corresponding bank. A NAK handshake is sent by the USB controller only if the banks 0 and 1 has not been released by the firmware. OUT DATA0 (n Bytes) ACK HOST UFI C51 Endpoint FIFO bank 0 - Read Byte 1 RXOUTB0 Endpoint FIFO bank 0 - Read Byte 2 Endpoint FIFO bank 0 - Read Byte n Clear RXOUTB0 OUT DATA1 (m Bytes) ACK RXOUTB1 Endpoint FIFO bank 1 - Read Byte 1 Endpoint FIFO bank 1 - Read Byte 2 Endpoint FIFO bank 1 - Read Byte m Clear RXOUTB1 OUT DATA0 (p Bytes) ACK RXOUTB0 Endpoint FIFO bank 0 - Read Byte 1 Endpoint FIFO bank 0 - Read Byte 2 Endpoint FIFO bank 0 - Read Byte p Clear RXOUTB0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |