| Electronic Components Datasheet Search |
|
AT80SND2CMP3B Datasheet(PDF) 204 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80SND2CMP3B Datasheet(HTML) 204 Page - ATMEL Corporation |
|
204 / 242 page ![]() 204 4341H–MP3–10/07 AT8xC51SND2C/MP3B 23. Keyboard Interface The AT8xC51SND2C implement a keyboard interface allowing the connection of a keypad. It is based on one input with programmable interrupt capability on both high or low level. This input allows exit from idle and power down modes. 23.1 Description The keyboard interfaces with the C51 core through 2 special function registers: KBCON, the keyboard control register (see Table 23-2); and KBSTA, the keyboard control and status register (see Table 23-3). An interrupt enable bit (EKB in IEN1 register) allows global enable or disable of the keyboard interrupt (see Figure 23-1). As detailed in Figure 23-2 this keyboard input has the capability to detect a programmable level according to KINL0 bit value in KBCON register. Level detection is then reported in interrupt flag KINF0 in KBSTA register. A keyboard interrupt is requested each time this flag is set. This flag can be masked by software using KINM0 bits in KBCON register and is cleared by reading KBSTA register. Figure 23-1. Keyboard Interface Block Diagram Figure 23-2. Keyboard Input Circuitry 23.1.1 Power Reduction Mode KIN0 inputs allow exit from idle and power-down modes as detailed in section “Power Manage- ment”, page 47. To enable this feature, KPDE bit in KBSTA register must be set to logic 1. Due to the asynchronous keypad detection in power down mode (all clocks are stopped), exit may happen on parasitic key press. In this case, no key is detected and software must enter power down again. KIN0 Keyboard Interface Interrupt Request EKB IEN1.4 Input Circuitry KIN0 KINM0 KBCON.0 KINF0 KBSTA.0 KINL0 KBCON.4 0 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |