Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SGM8142 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM8142
Description  Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8142 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM8142 Datasheet HTML 1Page - SG Micro Corp SGM8142 Datasheet HTML 2Page - SG Micro Corp SGM8142 Datasheet HTML 3Page - SG Micro Corp SGM8142 Datasheet HTML 4Page - SG Micro Corp SGM8142 Datasheet HTML 5Page - SG Micro Corp SGM8142 Datasheet HTML 6Page - SG Micro Corp SGM8142 Datasheet HTML 7Page - SG Micro Corp SGM8142 Datasheet HTML 8Page - SG Micro Corp SGM8142 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
350nA, Dual Rail-to-Rail I/O
Operational Amplifier
4
SGM8142
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
+VS = +1.4V to +5.0V, -VS = GND, TA = +25°C, VCM = +VS/2, VOUT ≈ +VS/2 and RL = 1MΩ to +VS/2, CL = 60pF
(1), unless otherwise
noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC ELECTRICAL CHARACTERISTICS
+VS = 1.4V
4.3
+VS = 2.5V
4.7
Gain-Bandwidth Product (GBP)
+VS = 5.0V
5
kHz
+VS = 1.4V, VOUT = 1V Step
1.3
+VS = 2.5V, VOUT = 1V Step
1.5
Slew Rate (SR)
+VS = 5.0V, VOUT = 2V Step
1.6
V/ms
Phase Margin (PM)
+VS = 1.4V to 5.5V
60
°
+VS = 1.4V, f = 0.1Hz to 10Hz
4.4
+VS = 2.5V, f = 0.1Hz to 10Hz
3.9
Input Voltage Noise (en p-p)
+VS = 5.0V, f = 0.1Hz to 10Hz
4.0
µVP-P
+VS = 1.4V, f = 1kHz
135
+VS = 2.5V, f = 1kHz
140
Input Voltage Noise Density (en)
+VS = 5.0V, f = 1kHz
130
nV/ HZ
NOTE1: Refer to Figure 1 and Figure 2.
TEST CIRCUITS
The test circuits used for the DC and AC tests are shown in Figure 1 and Figure 2. The bypass capacitors are laid out according to the
rules discussed in “Supply Bypass”.
SGM8142
+
RF
VOUT
+VS
RL
CL
1µF
0.1µF
RG
RN
+VS/2
VIN
+VS/2
1
2
Figure 1. AC and DC Test Circuit for Most Non-Inverting Gain
Conditions.
SGM8142
+
RF
VOUT
+VS
RL
CL
1µF
0.1µF
RG
RN
+VS/2
VIN
+VS/2
1
2
Figure 2. AC and DC Test Circuit for Most Inverting Gain
Conditions.


Similar Part No. - SGM8142

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8141 SGMICRO-SGM8141 Datasheet
311Kb / 11P
   Operational Amplifier
More results

Similar Description - SGM8142

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com