Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SGM8142 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM8142
Description  Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8142 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM8142 Datasheet HTML 1Page - SG Micro Corp SGM8142 Datasheet HTML 2Page - SG Micro Corp SGM8142 Datasheet HTML 3Page - SG Micro Corp SGM8142 Datasheet HTML 4Page - SG Micro Corp SGM8142 Datasheet HTML 5Page - SG Micro Corp SGM8142 Datasheet HTML 6Page - SG Micro Corp SGM8142 Datasheet HTML 7Page - SG Micro Corp SGM8142 Datasheet HTML 8Page - SG Micro Corp SGM8142 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
350nA, Dual Rail-to-Rail I/O
Operational Amplifier
5
SGM8142
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25°C, +VS = +1.4V to +5.0V, -VS = GND, VCM = +VS/2, VOUT ≈ +VS/2 and RL = 1MΩ to +VS/2, CL = 60pF, unless otherwise noted.
Large Signal Inverting Pulse Response
Time (5ms/div)
VS = 5.0V
RL = 50kΩ
CL = 60pF
AV = -1
Small Signal Inverting Pulse Response
Time (5ms/div)
CL = 60pF
RL = 50kΩ
AV = -1
No Phase Reversal
-4
-3
-2
-1
0
1
2
3
4
Time (5ms/div)
VOUT
VIN
Large Signal Non-Inverting Pulse Response
Time (5ms/div)
VS = 5.0V
RL = 50kΩ
CL = 60pF
AV = +1
Small Signal Non-Inverting Pulse Response
Time (5ms/div)
CL = 60pF
RL = 50kΩ
AV = +1
Slew Rate vs. Temperature
0
1
2
3
4
5
-50
-25
0
25
50
75
100
Temperature (
℃)
VS = 5.5V
VS = 1.4V
High to Low
Low to High


Similar Part No. - SGM8142

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8141 SGMICRO-SGM8141 Datasheet
311Kb / 11P
Operational Amplifier
More results

Similar Description - SGM8142

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com