Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SGM8142 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM8142
Description  Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8142 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM8142 Datasheet HTML 1Page - SG Micro Corp SGM8142 Datasheet HTML 2Page - SG Micro Corp SGM8142 Datasheet HTML 3Page - SG Micro Corp SGM8142 Datasheet HTML 4Page - SG Micro Corp SGM8142 Datasheet HTML 5Page - SG Micro Corp SGM8142 Datasheet HTML 6Page - SG Micro Corp SGM8142 Datasheet HTML 7Page - SG Micro Corp SGM8142 Datasheet HTML 8Page - SG Micro Corp SGM8142 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SGM8142
350nA, Dual Rail-to-Rail I/O
Operational Amplifier
 
PRODUCT DESCRIPTION
The SGM8142 is guaranteed to operate with a single
supply voltage as low as 1.4V, while drawing less than
350nA (TYP) of quiescent current per amplifier. This
device is also designed to support rail-to-rail input and
output operation. This combination of features supports
battery-powered and portable applications.
The SGM8142 has a gain-bandwidth product of 5kHz
(TYP) and is unity gain stable. These specifications
make this operational amplifier appropriate for low
frequency
applications,
such
as
battery
current
monitoring and sensor conditioning.
The SGM8142 is offered in dual configuration. It is
specified for the extended industrial (-40
℃ to +85℃)
temperature range. The SGM8142 is available in the
Green SOIC-8 and MSOP-8 packages.
TYPICAL APPLICATION
High Side Battery Current Sensor
IS =
+Vs - VOUT
(10V/V) · (10
Ω)
SGM8142
+
100k
Ω
10
Ω
1M
Ω
VOUT
+VS
IS
1.4V to 5.5V
1
2
FEATURES
● Low Quiescent Current: 350nA/Amplifier (TYP)
● Rail-to-Rail Input and Output
● Gain-Bandwidth Product: 5kHz at V
S = 5V (TYP)
● Wide Supply Voltage Range: 1.4V to 5.5V
● Unity Gain Stable
● -40℃ to +85℃ Operating Temperature Range
● Available in Green SOIC-8 and MSOP-8 Packages
APPLICATIONS
Toll Booth Tags
Wearable Products
Temperature Measurement
Battery Powered System
PIN CONFIGURATIONS (TOP VIEW)
4
3
2
1
5
6
7
8
VOUTA
VINA-
VINA+
VOUTB
SGM8142
SOIC-8/MSOP-8
-VS
+VS
VINB-
VINB+
REV. A. 2
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM8142

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8141 SGMICRO-SGM8141 Datasheet
311Kb / 11P
Operational Amplifier
More results

Similar Description - SGM8142

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com