Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SGM8142 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM8142
Description  Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8142 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM8142 Datasheet HTML 1Page - SG Micro Corp SGM8142 Datasheet HTML 2Page - SG Micro Corp SGM8142 Datasheet HTML 3Page - SG Micro Corp SGM8142 Datasheet HTML 4Page - SG Micro Corp SGM8142 Datasheet HTML 5Page - SG Micro Corp SGM8142 Datasheet HTML 6Page - SG Micro Corp SGM8142 Datasheet HTML 7Page - SG Micro Corp SGM8142 Datasheet HTML 8Page - SG Micro Corp SGM8142 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
350nA, Dual Rail-to-Rail I/O
Operational Amplifier
2
SGM8142
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
ORDER NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
SGM8142YS8G/TR
SOIC-8
Tape and Reel, 2500
SGM8142YS8
SGM8142
SGM8142YMS8G/TR
MSOP-8
Tape and Reel, 3000
SGM8142YMS8
ABSOLUTE MAXIMUM RATINGS
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Analog Inputs (VIN+, VIN–). . . . . . . . . (-VS) - 0.1V to (+VS) + 0.1V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . | (-VS) - (+VS) |
Storage Temperature Range . . . . . . . . . . . . . . -65
℃ to +150℃
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150
Operating Temperature Range . . . . . . . . . . . . . .-40
℃ to +85℃
Lead Temperature (Soldering 10sec)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
ESD Susceptibility
HBM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3000V
MM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400V
NOTE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay
attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to
meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary without
notice at any time. Please contact SGMICRO sales office to get
the latest datasheet.


Similar Part No. - SGM8142

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8141 SGMICRO-SGM8141 Datasheet
311Kb / 11P
Operational Amplifier
More results

Similar Description - SGM8142

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com