Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SGM8142 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8142
Description  Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8142 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8142 Datasheet HTML 1Page - SG Micro Corp SGM8142 Datasheet HTML 2Page - SG Micro Corp SGM8142 Datasheet HTML 3Page - SG Micro Corp SGM8142 Datasheet HTML 4Page - SG Micro Corp SGM8142 Datasheet HTML 5Page - SG Micro Corp SGM8142 Datasheet HTML 6Page - SG Micro Corp SGM8142 Datasheet HTML 7Page - SG Micro Corp SGM8142 Datasheet HTML 8Page - SG Micro Corp SGM8142 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
350nA, Dual Rail-to-Rail I/O
Operational Amplifier
3
SGM8142
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
+VS = +1.4V to +5.0V, -VS = GND, TA = +25°C, VCM = +VS/2, VOUT ≈ +VS/2 and RL = 1MΩ to +VS/2
(1), unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
Input Offset Voltage (VOS)
VCM = +VS/2
0.4
2.5
mV
Input Offset Voltage Drift (ΔVOS T)
VCM = +VS/2, -40
℃ ≤ TA ≤ +85℃
2
µV/°C
Power Supply Rejection Ratio (PSRR)
+VS = 1.4V to 5.5V
69
80
dB
Input Common Mode Voltage Range (VCMR)
-Vs - 0.1
+Vs + 0.1
V
+VS = 5.0V, VCM = -0.1V to 5.1V
69
83
+VS = 5.0V, VCM = 2.5V to 5.1V
67
82
Common Mode Rejection Ratio (CMRR)
+VS = 5.0V, VCM = -0.1V to 2.5V
63
77
dB
+VS = 1.4V, RL = 50kΩ, VOUT = +VS - 0.1V
75
80
+VS = 2.5V, RL = 50kΩ, VOUT = +VS - 0.1V
87
Large Signal Voltage Gain (AVO)
+VS = 5.0V, RL = 50kΩ, VOUT = +VS - 0.1V
87
93
dB
Input Bias Current (IB)
1
pA
Input Offset Current (IOS)
1
pA
+VS = 1.4V, RL = 50kΩ
1.39
1.395
+VS = 2.5V, RL = 50kΩ
2.497
VOH
+VS = 5.0V, RL = 50kΩ
4.99
4.996
V
+VS = 1.4V, RL = 50kΩ
4.6
10
+VS = 2.5V, RL = 50kΩ
3.1
10
Maximum Output
Voltage Swing
VOL
+VS = 5.0V, RL = 50kΩ
3.6
mV
+VS = 2.5V
5.6
Short Circuit Current (ISC)
+VS = 5.0V
22
24
mA
Supply Voltage
1.4
5.5
V
+VS = 1.4V
300
+VS = 2.5V
320
Quiescent Current/Amplifier (IQ)
+VS = 5.0V
350
800
nA


Similar Part No. - SGM8142

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8141 SGMICRO-SGM8141 Datasheet
311Kb / 11P
   Operational Amplifier
More results

Similar Description - SGM8142

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com