Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C54-LPI/P Datasheet(PDF) 172 Page - Microchip Technology

Part # PIC16C54-LPI/P
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/P Datasheet(HTML) 172 Page - Microchip Technology

Back Button PIC16C54-LPI/P Datasheet HTML 168Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 169Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 170Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 171Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 172Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 173Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 174Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 175Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 217 page
background image
PIC16C5X
DS30453B-page 172
Preliminary
© 1998 Microchip Technology Inc.
TABLE 19-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16C5X-04
PIC16C5X-20
PIC16C5X/JW
RC
VDD: 3.0V to 5.5V
IDD:
2.4 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4 MHz max.
VDD: 3.0V to 5.5V
IDD:
1.7 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 5.5V
IDD:
2.4 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
XT
VDD: 3.0V to 5.5V
IDD
2.4 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4 MHz max.
VDD: 3.0V to 5.5V
IDD:
1.7 mA typ. at
5.5V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 4.0 MHz max.
VDD: 3.0V to 5.5V
IDD
2.4 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 4.0 MHz max.
HS
N/A
VDD: 4.5V to 5.5V
IDD:
16 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 20 MHz max.
VDD: 4.5V to 5.5V
IDD:
16 mA max. at
5.5V
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 20 MHz max.
LP
VDD: 3.0V to 5.5V
IDD:
14
µA typ. at
32kHz, 3.0V
IPD:
0.25
µA typ. at
3.0V WDT dis
Freq: 200 kHz max.
N/A
VDD: 3.0V to 5.5V
IDD:
32
µA max. at
32kHz, 3.0V
WDT dis
IPD:
4.0
µA max. at
3.0V WDT dis
Freq: 200 kHz max.
The shaded sections indicate oscillator selections which should work by
design, but are not tested. It is recommended that the user select the
device type from information in unshaded sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com