Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C54-LPI/P Datasheet(PDF) 188 Page - Microchip Technology

Part # PIC16C54-LPI/P
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/P Datasheet(HTML) 188 Page - Microchip Technology

Back Button PIC16C54-LPI/P Datasheet HTML 184Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 185Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 186Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 187Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 188Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 189Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 190Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 191Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 217 page
background image
PIC16C5X
DS30453B-page 188
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 20-8: VTH (INPUT THRESHOLD TRIP POINT VOLTAGE) OF I/O PINS vs. VDD
FIGURE 20-9: VIH, VIL OF MCLR, T0CKI AND OSC1 (IN RC MODE) vs. VDD
FIGURE 20-10: VTH (INPUT THRESHOLD TRIP POINT VOLTAGE) OF OSC1 INPUT
(IN XT, HS, AND LP MODES) vs. VDD
2.00
1.80
1.60
1.40
1.20
1.00
2.5
3.0
3.5
4.0
4.5
5.0
VDD (Volts)
0.80
0.60
5.5
6.0
Typ (+25
°C)
3.5
3.0
2.5
2.0
1.5
1.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD (Volts)
0.5
0.0
5.5
6.0
4.0
4.5
VIH min
(–40
°C to
+85
°C)
VIH max
(–40
°C to
+85
°C)
VIH typ
+25
°C
VIL min (–40°C to
+85°C)
VIL max (–40°
C to +85°C)
VIL typ +25°
C
Note: These input pins have Schmitt Trigger input buffers.
2.4
2.2
2.0
1.8
1.6
1.4
2.5
3.0
3.5
4.0
4.5
5.0
VDD (Volts)
1.2
1.0
5.5
6.0
Typ
(+25
°C)
2.6
2.8
3.0
3.2
3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com