Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-I/SS Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC16F628A-I/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-I/SS Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC16F628A-I/SS Datasheet HTML 106Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 107Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 108Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 109Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 110Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 111Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 112Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 113Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 168 page
background image
PIC16F627A/628A/648A
DS40044A-page 108
Preliminary
 2002 Microchip Technology Inc.
14.8.1
WAKE-UP FROM SLEEP
The device can wake-up from SLEEP through one of
the following events:
1.
External RESET input on MCLR pin
2.
Watchdog Timer wake-up (if WDT was enabled)
3.
Interrupt from RB0/INT pin, RB Port change, or
any Peripheral Interrupt.
The first event will cause a device RESET. The two lat-
ter events are considered a continuation of program
execution. The TO and PD bits in the STATUS register
can be used to determine the cause of device RESET.
PD bit, which is set on power-up is cleared when
SLEEP is invoked. TO bit is cleared if WDT wake-up
occurred.
When the
SLEEP instruction is being executed, the
next instruction (PC + 1) is pre-fetched. For the device
to wake-up through an interrupt event, the correspond-
ing interrupt enable bit must be set (enabled). Wake-up
is regardless of the state of the GIE bit. If the GIE bit is
clear (disabled), the device continues execution at the
instruction after the
SLEEP instruction. If the GIE bit is
set (enabled), the device executes the instruction after
the
SLEEP instruction and then branches to the inter-
rupt address (0004h). In cases where the execution of
the instruction following
SLEEP is not desirable, the
user should have an NOP after the
SLEEP instruction.
The WDT is cleared when the device wakes up from
SLEEP, regardless of the source of wake-up.
FIGURE 14-17:
WAKE-UP FROM SLEEP THROUGH INTERRUPT
14.9
Code Protection
With the Code Protect bit is cleared (Code Protect
enabled) the contents of the program memory locations
are read out as “00”. See Programing Specification,
DS41196, for details.
14.10 User ID Locations
Four memory locations (2000h-2003h) are designated
as user ID locations where the user can store check-
sum or other code-identification numbers. These loca-
tions are not accessible during normal execution but
are readable and writable during program/verify. Only
the Least Significant 4 bits of the user ID locations are
used.
Note:
If the global interrupts are disabled (GIE is
cleared), but any interrupt source has both
its interrupt enable bit and the correspond-
ing interrupt flag bits set, the device will not
enter SLEEP. The SLEEP instruction is
executed as a NOP instruction.
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
OSC1
CLKOUT(4)
INT pin
INTF flag
(INTCON<1>)
GIE bit
(INTCON<7>)
INSTRUCTION FLOW
PC
Instruction
Fetched
Instruction
Executed
PC
PC+1
PC+2
Inst(PC) = SLEEP
Inst(PC - 1)
Inst(PC + 1)
SLEEP
Processor in
SLEEP
Interrupt Latency
(
Note 2)
Inst(PC + 2)
Inst(PC + 1)
Inst(0004h)
Inst(0005h)
Inst(0004h)
Dummy cycle
PC + 2
0004h
0005h
Dummy cycle
Tost(2)
PC+2
Note
1: XT, HS or LP Oscillator mode assumed.
2: TOST = 1024TOSC (drawing not to scale). Approximately 1
µs delay will be there for RC Osc mode.
3: GIE = '1' assumed. In this case after wake-up, the processor jumps to the interrupt routine. If GIE = '0', execution will continue
in-line.
4: CLKOUT is not available in these Osc modes, but shown here for timing reference.
Note:
Only a Bulk Erase function can set the CP
and CPD bits by turning off the code pro-
tection. The entire data EEPROM and
FLASH program memory will be erased to
turn the code protection off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com