Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-I/SS Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC16F628A-I/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-I/SS Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC16F628A-I/SS Datasheet HTML 122Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 123Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 124Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 125Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 126Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 127Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 128Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 129Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 168 page
background image
PIC16F627A/628A/648A
DS40044A-page 124
Preliminary
 2002 Microchip Technology Inc.
XORLW
Exclusive OR Literal with W
Syntax:
[
label ] XORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .XOR. k
→ (W)
Status Affected:
Z
Encoding:
11
1010
kkkk
kkkk
Description:
The contents of the W register
are XOR’ed with the eight bit lit-
eral 'k'. The result is placed in
the W register.
Words:
1
Cycles:
1
Example:
XORLW
0xAF
Before Instruction
W = 0xB5
After Instruction
W = 0x1A
XORWF
Exclusive OR W with f
Syntax:
[
label ]
XORWF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) .XOR. (f)
→ (dest)
Status Affected:
Z
Encoding:
00
0110
dfff
ffff
Description:
Exclusive OR the contents of the
W register with register 'f'. If 'd' is
0 the result is stored in the W reg-
ister. If 'd' is 1 the result is stored
back in register 'f'.
Words:
1
Cycles:
1
Example
XORWF
REG1, 1
Before Instruction
REG1 = 0xAF
W= 0xB5
After Instruction
REG1 =
0x1A
W
=
0xB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com