Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-I/SS Datasheet(PDF) 144 Page - Microchip Technology

Part # PIC16F628A-I/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-I/SS Datasheet(HTML) 144 Page - Microchip Technology

Back Button PIC16F628A-I/SS Datasheet HTML 140Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 141Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 142Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 143Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 144Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 145Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 146Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 147Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 168 page
background image
PIC16F627A/628A/648A
DS40044A-page 142
Preliminary
 2002 Microchip Technology Inc.
FIGURE 17-6:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING
FIGURE 17-7:
BROWN-OUT DETECT TIMING
CLKOUT
↑
PIC16LF62X
Tosc+400 ns*
—
—
ns
16
TckH2ioI
Port in hold after CLKOUT
↑
0
—
—
ns
17
TosH2ioV
OSC1
↑ (Q1 cycle) to
PIC16F62X
—
50
150*
ns
Port out valid
PIC16LF62X
—
—
300*
ns
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
18
TosH2ioI
OSC1
↑ (Q2 cycle) to Port input invalid
(I/O in hold time)
100*
200*
——
ns
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
V
DD
MCLR
Internal
POR
PWRT
Time out
OST
Time out
Internal
RESET
Watchdog
Timer
RESET
33
32
30
31
34
I/O Pins
34
V
DD
V
BOR
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com