Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-I/SS Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC16F628A-I/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-I/SS Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC16F628A-I/SS Datasheet HTML 160Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 161Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 162Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 163Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 164Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 165Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 166Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 167Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 168Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 167 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 165
PIC16F627A/628A/648A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
* JW Devices are UV erasable and can be programmed to any device configuration. JW Devices meet the electrical requirement of
each oscillator type.
Sales and Support
PART NO.
-X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC16F627A/628A/648A:Standard V
DD range 3.0V to 5.5V
PIC16F627A/628A/648ATV
DD range 3.0V to 5.5V (Tape
and Reel)
PIC16LF627A/628A/648A:V
DD range 2.0V to 5.5V
PIC16LF627A/628A/648AT:V
DD range 2.0V to 5.5V (Tape
and Reel)
Temperature Range
I
=
-40
°C to
+85
°C
E
=
-40
°C to
+125
°C
Package
P
=
PDIP
SO
=
SOIC (Gull Wing, 300 mil body)
SS
=
SSOP (209 mil)
ML
=
QFN (28 Lead)
Pattern
3-Digit Pattern Code for QTP (blank otherwise).
Examples:
a)
PIC16F627A - E/P 301 = Extended Temp.,
PDIP package, 20 MHz, normal
V
DD limits,
QTP pattern #301.
b)
PIC16LF627A - I/SO = Industrial Temp.,
SOIC package, 20 MHz, extended
V
DD limits.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com