Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F648A-E/P Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16F648A-E/P
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F648A-E/P Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16F648A-E/P Datasheet HTML 97Page - Microchip Technology PIC16F648A-E/P Datasheet HTML 98Page - Microchip Technology PIC16F648A-E/P Datasheet HTML 99Page - Microchip Technology PIC16F648A-E/P Datasheet HTML 100Page - Microchip Technology PIC16F648A-E/P Datasheet HTML 101Page - Microchip Technology PIC16F648A-E/P Datasheet HTML 102Page - Microchip Technology PIC16F648A-E/P Datasheet HTML 103Page - Microchip Technology PIC16F648A-E/P Datasheet HTML 104Page - Microchip Technology PIC16F648A-E/P Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 99
PIC16F627A/628A/648A
14.4.5
TIME OUT SEQUENCE
On power-up the time out sequence is as follows: First
PWRT time out is invoked after POR has expired. Then
OST is activated. The total time out will vary based on
oscillator configuration and PWRTE bit STATUS. For
example, in RC mode with PWRTE bit set (PWRT dis-
abled), there will be no time out at all. Figure 14-8,
Figure 14-9
and
Figure 14-10
depict
time
out
sequences.
Since the time outs occur from the POR pulse, if MCLR
is kept low long enough, the time outs will expire. Then
bringing MCLR high will begin execution immediately
(see Figure 14-9). This is useful for testing purposes or
to synchronize more than one PIC16F627A/628A/
648A device operating in parallel.
Table 14-6 shows the RESET conditions for some spe-
cial registers, while Table 14-7 shows the RESET con-
ditions for all the registers.
14.4.6
POWER CONTROL (PCON) STATUS
REGISTER
The power control/STATUS register, PCON (address
8Eh) has two bits.
Bit0 is BOR (Brown-out Reset). BOR is unknown on
Power-on-Reset. It must then be set by the user and
checked on subsequent RESETS to see if BOR = 0
indicating that a brown-out has occurred. The BOR
STATUS bit is a don’t care and is not necessarily
predictable if the brown-out circuit is disabled (by
setting BOREN bit = 0 in the Configuration word).
Bit1 is POR (Power-on Reset). It is a ‘0’ on Power-on
Reset and unaffected otherwise. The user must write a
‘1’ to this bit following a Power-on Reset. On a subse-
quent RESET if POR is ‘0’, it will indicate that a Power-
on Reset must have occurred (V
DD may have gone too
low).
TABLE 14-3:
TIME OUT IN VARIOUS SITUATIONS
TABLE 14-4:
STATUS/PCON BITS AND THEIR SIGNIFICANCE
Oscillator Configuration
Power-up
Brown-out Reset
Wake-up
from SLEEP
PWRTEN = 0
PWRTEN = 1
PWRTEN = 0
PWRTEN = 1
XT, HS, LP
72 ms +
1024•T
OSC
1024•T
OSC
72 ms +
1024•T
OSC
1024•T
OSC
1024•T
OSC
RC, EC
72 ms
—
72 ms
——
INTOSC
72 ms
—
72 ms
—
6
µs
POR
BOR
TO
PD
Condition
0X11
Power-on Reset
0X0X
Illegal, TO is set on POR
0XX0
Illegal, PD is set on POR
10XX
Brown-out Reset
110u
WDT Reset
1100
WDT Wake-up
11uu
MCLR Reset during normal operation
1110
MCLR Reset during SLEEP
Legend: u = unchanged, x = unknown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com