Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 240 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 240 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 236Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 237Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 238Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 239Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 240Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 241Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 242Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 243Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 244Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 320 page
background image
PIC17C75X
DS30264A-page 240
Preliminary
© 1997 Microchip Technology Inc.
FIGURE 20-12: SPI SLAVE MODE TIMING (CKE = 1)
TABLE 20-12: SPI MODE REQUIREMENTS (SLAVE MODE, CKE = 1)
Param.
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
70
TssL2scH,
TssL2scL
SS
↓ to SCK↓ or SCK↑ input
TCY *—
—
ns
71
TscH
SCK input high time (slave mode)
TCY + 20 *
—
—
ns
72
TscL
SCK input low time (slave mode)
TCY + 20 *
—
—
ns
74
TscH2diL,
TscL2diL
Hold time of SDI data input to SCK
edge
100 *
—
—
ns
75
TdoR
SDO data output rise time
—
10
25 *
ns
76
TdoF
SDO data output fall time
—
10
25 *
ns
77
TssH2doZ
SS
↑ to SDO output hi-impedance
10 *
—
50 *
ns
80
TscH2doV,
TscL2doV
SDO data output valid after SCK
edge
—
—
50 *
ns
82
TssL2doV
SDO data output valid after SS
↓
edge
—
—
50 *
ns
83
TscH2ssH,
TscL2ssH
SS
↑ after SCK edge
1.5TCY
+ 40 *
——
ns
*
Characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not
tested.
SS
SCK
(CKP = 0)
SCK
(CKP = 1)
SDO
SDI
70
71
72
82
SDI
74
75, 76
MSB
BIT6 - - - - - -1
LSB
77
MSB IN
BIT6 - - - -1
LSB IN
80
83
Refer to Figure 20-1 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com