Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 245 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 245 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 241Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 242Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 243Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 244Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 245Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 246Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 247Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 248Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 249Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 245
PIC17C75X
TABLE 20-17: A/D CONVERTER CHARACTERISTICS:
PIC17LC752/756-08 (COMMERCIAL, INDUSTRIAL)
PIC17C752/756-25 (COMMERCIAL, INDUSTRIAL)
PIC17C752/756-33 (COMMERCIAL, INDUSTRIAL)
Param.
No.
Sym Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
10
bit
VREF = VDD = 5.12V, VSS
≤ VAIN ≤ VREF
A02
EABS
Absolute error
—
—
<
±1
LSb
VREF = VDD = 5.12V, VSS
≤ VAIN ≤ VREF
A03
EIL
Integral linearity error
—
—
<
±1
LSb
VREF = VDD = 5.12V, VSS
≤ VAIN ≤ VREF
A04
EDL
Differential linearity error
—
—
<
±1
LSb
VREF = VDD = 5.12V, VSS
≤ VAIN ≤ VREF
A05
EFS
Full scale error
—
—
<
±1
LSb
VREF = VDD = 5.12V, VSS
≤ VAIN ≤ VREF
A06
EOFF
Offset error
—
—
<
±1
LSb
VREF = VDD = 5.12V, VSS
≤ VAIN ≤ VREF
A10
—
Monotonicity
—
guaranteed
—
—
VSS
≤ VAIN ≤ VREF
A20
VREF
Reference voltage
(VREFH - VREFL)
0V
—
—
V
A21
VREFH Reference voltage High
VSS +
3.0V
—AVDD +
0.3V
V
A22
VREFL Reference voltage Low
AVSS -
0.3V
—AVDD -
3.0V
V
A25
VAIN
Analog input voltage
VSS -
0.3V
—VREF +
0.3V
V
A30
ZAIN
Recommended impedance
of analog voltage source
—
—
10.0
k
Ω
A40
IAD
A/D conversion
current (VDD)
17
CXXX
—
180
—
µA
Average current consumption when
A/D is on. (Note 1)
17
LCXXX
—
90
—
µA
A50
IREF
VREF input current (Note 2)
10
—
—
—
1000
10
µA
µA
During VAIN acquisition.
Based on differential of VHOLD to VAIN.
To charge CHOLD see Section 16.1.
During A/D conversion cycle
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
When A/D is off, it will not consume any current other than minor leakage current. The power-down current spec includes
any such leakage from the A/D module.
2:
VREF current is from RG0 and RG1 pins or AVDD and AVSS pins, whichever is selected as reference input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com