Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 261 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 261 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 257Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 258Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 259Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 260Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 261Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 262Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 263Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 264Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 265Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 320 page
background image
© 1997 Microchip Technology Inc.
DS30264A-page 261
PIC17C75X
22.0 PACKAGING INFORMATION
22.1
64-Lead Plastic Surface Mount (TQFP 10x10x1 mm Body 1.0/0.10 mm Lead Form)
Package Group: Plastic TQFP
Symbol
Millimeters
Inches
Min
Nominal
Max
Min
Nominal
Max
α
0
°
-7
°
0
°
7
°
A
-
-
1.20
A1
0.05
0.10
0.15
A2
0.95
1.00
1.05
b
0.17
0.22
0.27
b1
0.17
0.20
0.23
D
-
12.00
-
D1
-
10.00
-
E
-
12.00
-
E1
-
10.00
-
e
-
0.50
-
L
0.45
0.60
0.75
N
-
64
-
64
D
D/2
E
E/2
e
8 Places
11/13
°
A
See Detail B
0.09/0.20
b1
b
0.09/0.16
Base Metal
with Lead Finish
A2
A1
0.08
R min.
0.20 min.
1.00 ref.
L
0-7
°
Datum Plane
Gauge Plane
0.25
0
° min.
DETAIL B
A
e/2
A
See Detail A
DETAIL A
E1
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com