Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 274 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 274 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 270Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 271Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 272Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 273Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 274Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 275Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 276Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 277Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 278Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 320 page
background image
PIC17C75X
DS30264A-page 274
Preliminary
© 1997 Microchip Technology Inc.
FIGURE F-2: ALUSTA REGISTER (ADDRESS: 04h, UNBANKED)
R/W - 1
R/W - 1
R/W - 1
R/W - 1
R/W - x
R/W - x
R/W - x
R/W - x
FS3
FS2
FS1
FS0
OV
Z
DC
C
R = Readable bit
W = Writable bit
-n = Value at POR reset
(x = unknown)
bit7
bit0
bit 7-6:
FS3:FS2: FSR1 Mode Select bits
00 = Post auto-decrement FSR1 value
01 = Post auto-increment FSR1 value
1x = FSR1 value does not change
bit 5-4:
FS1:FS0: FSR0 Mode Select bits
00 = Post auto-decrement FSR0 value
01 = Post auto-increment FSR0 value
1x = FSR0 value does not change
bit 3:
OV: Overflow bit
This bit is used for signed arithmetic (2’s complement). It indicates an overflow of the 7-bit magnitude,
which causes the sign bit (bit7) to change state.
1 = Overflow occurred for signed arithmetic, (in this arithmetic operation)
0 = No overflow occurred
bit 2:
Z: Zero bit
1 = The result of an arithmetic or logic operation is zero
0 = The results of an arithmetic or logic operation is not zero
bit 1:
DC: Digit carry/borrow bit
For ADDWF and ADDLW instructions.
1 = A carry-out from the 4th low order bit of the result occurred
0 = No carry-out from the 4th low order bit of the result
Note: For borrow the polarity is reversed.
bit 0:
C: carry/borrow bit
For ADDWF and ADDLW instructions.
1 = A carry-out from the most significant bit of the result occurred
Note that a subtraction is executed by adding the two’s complement of the second operand. For
rotate (RRCF, RLCF) instructions, this bit is loaded with either the high or low order bit of the source
register.
0 = No carry-out from the most significant bit of the result
Note: For borrow the polarity is reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com