Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 179Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 180Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 181Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 182Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 183Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 184Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 185Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 186Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 320 page
background image
© 1997 Microchip Technology Inc.
DS30264A-page 183
PIC17C75X
18.0 INSTRUCTION SET SUMMARY
The PIC17CXXX instruction set consists of 58 instruc-
tions. Each instruction is a 16-bit word divided into an
OPCODE and one or more operands. The opcode
specifies the instruction type, while the operand(s) fur-
ther specify the operation of the instruction. The
PIC17CXXX instruction set can be grouped into three
types:
• byte-oriented
• bit-oriented
• literal and control operations.
These formats are shown in Figure 18-1.
Table 18-1 shows the field descriptions for the
opcodes. These descriptions are useful for under-
standing the opcodes in Table 18-2 and in each specific
instruction descriptions.
byte-oriented instructions, 'f' represents a file regis-
ter designator and 'd' represents a destination designa-
tor. The file register designator specifies which file
register is to be used by the instruction.
The destination designator specifies where the result of
the operation is to be placed. If 'd' = '0', the result is
placed in the WREG register. If 'd' = '1', the result is
placed in the file register specified by the instruction.
bit-oriented instructions, 'b' represents a bit field des-
ignator which selects the number of the bit affected by
the operation, while 'f' represents the number of the file
in which the bit is located.
literal and control operations, 'k' represents an 8- or
13-bit constant or literal value.
The instruction set is highly orthogonal and is grouped
into:
• byte-oriented operations
• bit-oriented operations
• literal and control operations
All instructions are executed within one single instruc-
tion cycle, unless:
• a conditional test is true
• the program counter is changed as a result of an
instruction
• a table read or a table write instruction is exe-
cuted (in this case, the execution takes two
instruction cycles with the second cycle executed
as a NOP)
One instruction cycle consists of four oscillator periods.
Thus, for an oscillator frequency of 25 MHz, the normal
instruction execution time is 160 ns. If a conditional test
is true or the program counter is changed as a result of
an instruction, the instruction execution time is 320 ns.
TABLE 18-1: OPCODE FIELD
DESCRIPTIONS
Field
Description
f
Register file address (00h to FFh)
p
Peripheral register file address (00h to 1Fh)
i
Table pointer control i = '0' (do not change)
i = '1' (increment after instruction execution)
t
Table byte select t = '0' (perform operation on lower
byte)
t = '1' (perform operation on upper byte literal field,
constant data)
WREG
Working register (accumulator)
b
Bit address within an 8-bit file register
k
Literal field, constant data or label
x
Don't care location (= '0' or '1')
The assembler will generate code with x = '0'. It is
the recommended form of use for compatibility with
all Microchip software tools.
d
Destination select
0 = store result in WREG
1 = store result in file register f
Default is d = '1'
u
Unused, encoded as '0'
s
Destination select
0 = store result in file register f and in the WREG
1 = store result in file register f
Default is s = '1'
label
Label name
C,DC,
Z,OV
ALU status bits Carry, Digit Carry, Zero, Overflow
GLINTD
Global Interrupt Disable bit (CPUSTA<4>)
TBLPTR
Table Pointer (16-bit)
TBLAT
Table Latch (16-bit) consists of high byte (TBLATH)
and low byte (TBLATL)
TBLATL
Table Latch low byte
TBLATH
Table Latch high byte
TOS
Top of Stack
PC
Program Counter
BSR
Bank Select Register
WDT
Watchdog Timer Counter
TO
Time-out bit
PD
Power-down bit
dest
Destination either the WREG register or the speci-
fied register file location
[ ]
Options
( )
Contents
→
Assigned to
< >
Register bit field
∈
In the set of
italics User defined term (font is courier)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com