Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 192 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 192 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 188Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 189Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 190Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 191Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 192Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 193Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 194Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 195Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 320 page
background image
PIC17C75X
DS30264A-page 192
© 1997 Microchip Technology Inc.
BTFSS
Bit Test, skip if Set
Syntax:
[
label ] BTFSS f,b
Operands:
0
≤ f ≤ 127
0
≤ b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Encoding:
1001
0bbb
ffff
ffff
Description:
If bit 'b' in register 'f' is 1 then the next
instruction is skipped.
If bit 'b' is 1, then the next instruction
fetched during the current instruction exe-
cution, is discarded and an NOP is exe-
cuted instead, making this a two-cycle
instruction.
Words:
1
Cycles:
1(2)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
No
operation
If skip:
Q1
Q2
Q3
Q4
No
operation
No
operation
No
operation
No
operation
Example:
HERE
FALSE
TRUE
BTFSS
:
:
FLAG,1
Before Instruction
PC
=
address (HERE)
After Instruction
If FLAG<1>
=
0;
PC
=
address (FALSE)
If FLAG<1>
=
1;
PC
=
address (TRUE)
BTG
Bit Toggle f
Syntax:
[
label ] BTG f,b
Operands:
0
≤ f ≤ 255
0
≤ b < 7
Operation:
(f<b>)
→ (f<b>)
Status Affected:
None
Encoding:
0011
1bbb
ffff
ffff
Description:
Bit 'b' in data memory location 'f' is
inverted.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
Write
register 'f'
Example:
BTG
PORTC,
4
Before Instruction:
PORTC
=
0111 0101
[0x75]
After Instruction:
PORTC
=
0110 0101
[0x65]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com