Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 199 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 199 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 195Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 196Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 197Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 198Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 199Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 200Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 201Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 202Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 320 page
background image
© 1997 Microchip Technology Inc.
DS30264A-page 199
PIC17C75X
INCF
Increment f
Syntax:
[
label ]
INCF f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
(f) + 1
→ (dest)
Status Affected:
OV, C, DC, Z
Encoding:
0001
010d
ffff
ffff
Description:
The contents of register 'f' are incre-
mented. If 'd' is 0 the result is placed in
WREG. If 'd' is 1 the result is placed
back in register 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
Write to
destination
Example:
INCF
CNT,
1
Before Instruction
CNT
=
0xFF
Z=
0
C=
?
After Instruction
CNT
=
0x00
Z=
1
C=
1
INCFSZ
Increment f, skip if 0
Syntax:
[
label ]
INCFSZ f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
(f) + 1
→ (dest)
skip if result = 0
Status Affected:
None
Encoding:
0001
111d
ffff
ffff
Description:
The contents of register 'f' are incre-
mented. If 'd' is 0 the result is placed in
WREG. If 'd' is 1 the result is placed
back in register 'f'.
If the result is 0, the next instruction,
which is already fetched, is discarded,
and an NOP is executed instead mak-
ing it a two-cycle instruction.
Words:
1
Cycles:
1(2)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
Write to
destination
If skip:
Q1
Q2
Q3
Q4
No
operation
No
operation
No
operation
No
operation
Example:
HERE
INCFSZ
CNT, 1
NZERO
:
ZERO
:
Before Instruction
PC
=
Address (HERE)
After Instruction
CNT
=
CNT + 1
If CNT
=
0;
PC =
Address(ZERO)
If CNT
≠
0;
PC =
Address(NZERO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com