Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 204 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 204 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 200Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 201Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 202Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 203Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 204Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 205Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 206Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 207Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 320 page
background image
PIC17C75X
DS30264A-page 204
© 1997 Microchip Technology Inc.
MOVPF
Move p to f
Syntax:
[
label]
MOVPF p,f
Operands:
0
≤ f ≤ 255
0
≤ p ≤ 31
Operation:
(p)
→ (f)
Status Affected:
Z
Encoding:
010p
pppp
ffff
ffff
Description:
Move data from data memory location
'p' to data memory location 'f'. Location
'f' can be anywhere in the 256 byte data
space (00h to FFh) while 'p' can be 00h
to 1Fh.
Either 'p' or 'f' can be WREG (a useful
special situation).
MOVPF
is particularly useful for transfer-
ring a peripheral register (e.g. the timer
or an I/O port) to a data memory loca-
tion. Both 'f' and 'p' can be indirectly
addressed.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'p'
Process
Data
Write
register 'f'
Example:
MOVPF
REG1, REG2
Before Instruction
REG1
=
0x11
REG2
=
0x33
After Instruction
REG1
=
0x11
REG2
=
0x11
MOVWF
Move WREG to f
Syntax:
[
label ]
MOVWF
f
Operands:
0
≤ f ≤ 255
Operation:
(WREG)
→ (f)
Status Affected:
None
Encoding:
0000
0001
ffff
ffff
Description:
Move data from WREG to register 'f'.
Location 'f' can be anywhere in the 256
word data space.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
Write
register 'f'
Example:
MOVWF
REG
Before Instruction
WREG
=
0x4F
REG
=
0xFF
After Instruction
WREG
=
0x4F
REG
=
0x4F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com