Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 209 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 209 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 205Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 206Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 207Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 208Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 209Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 210Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 211Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 212Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 213Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 320 page
background image
© 1997 Microchip Technology Inc.
DS30264A-page 209
PIC17C75X
RLNCF
Rotate Left f (no carry)
Syntax:
[
label ] RLNCF
f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
f<n>
→ d<n+1>;
f<7>
→ d<0>
Status Affected:
None
Encoding:
0010
001d
ffff
ffff
Description:
The contents of register 'f' are rotated
one bit to the left. If 'd' is 0 the result is
placed in WREG. If 'd' is 1 the result is
stored back in register 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
Write to
destination
Example:
RLNCF
REG, 1
Before Instruction
C=
0
REG
=
1110 1011
After Instruction
C=
REG
=
1101 0111
register f
RRCF
Rotate Right f through Carry
Syntax:
[
label ]
RRCF f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
f<n>
→ d<n-1>;
f<0>
→ C;
C
→ d<7>
Status Affected:
C
Encoding:
0001
100d
ffff
ffff
Description:
The contents of register 'f' are rotated
one bit to the right through the Carry
Flag. If 'd' is 0 the result is placed in
WREG. If 'd' is 1 the result is placed
back in register 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
Write to
destination
Example:
RRCF
REG1,0
Before Instruction
REG1
=
1110 0110
C=
0
After Instruction
REG1
=
1110 0110
WREG
=
0111 0011
C=
0
C
register f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com