Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-16/CL Datasheet(PDF) 263 Page - Microchip Technology

Part # PIC17C752-16/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-16/CL Datasheet(HTML) 263 Page - Microchip Technology

Back Button PIC17C752-16/CL Datasheet HTML 259Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 260Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 261Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 262Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 263Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 264Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 265Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 266Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 267Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 328 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30289A-page 263
PIC17C7XX
FIGURE 20-21: MEMORY INTERFACE READ TIMING
TABLE 20-22: MEMORY INTERFACE READ REQUIREMENTS
Param.
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
150
TadV2alL
AD15:AD0 (address) valid to
PIC17CXXX
0.25TCY - 10
—
—
ns
ALE
↓ (address setup time)
PIC17LCXXX 0.25TCY - 10*
—
—
151
TalL2adI
ALE
↓ to address out invalid
PIC17CXXX
5*
—
—
ns
(address hold time)
PIC17LCXXX
5*
—
—
160
TadZ2oeL
AD15:AD0 hi-impedance to
PIC17CXXX
0*
—
—
ns
OE
↓
PIC17LCXXX
0*
—
—
161
ToeH2adD OE
↑ to AD15:AD0 driven
PIC17CXXX
0.25TCY - 15
—
—
ns
PIC17LCXXX 0.25TCY - 15*
—
—
162
TadV2oeH Data in valid before OE
↑
PIC17CXXX
35
—
—
ns
(data setup time)
PIC17LCXXX
45*
—
—
163
ToeH2adI
OE
↑to data in invalid
PIC17CXXX
0
—
—
ns
(data hold time)
PIC17LCXXX
0*
—
—
164
TalH
ALE pulse width
PIC17CXXX
—
0.25TCY §—
ns
PIC17LCXXX
—
0.25TCY §—
165
ToeL
OE pulse width
PIC17CXXX
0.5TCY - 35 §
—
—
ns
PIC17LCXXX
0.5TCY - 35 §
—
—
166
TalH2alH
ALE
↑ to ALE↑(cycle time)
PIC17CXXX
—
TCY §—
ns
PIC17LCXXX
—
TCY §—
167
Tacc
Address access time
PIC17CXXX
—
—
0.75TCY - 30
ns
PIC17LCXXX
—
—
0.75TCY -
45*
168
Toe
Output enable access time
PIC17CXXX
—
—
0.5TCY - 45
ns
(OE low to Data Valid)
PIC17LCXXX
—
—
0.5TCY - 75*
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
§
This specification ensured by design.
OSC1
ALE
OE
AD<15:0>
WR
Q1
Q2
Q3
Data in
Addr out
150
151
160
166
165
162
163
161
'1'
'1'
Q4
Q1
Q2
Addr out
164
168
167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com