Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-16/CL Datasheet(PDF) 281 Page - Microchip Technology

Part # PIC17C752-16/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-16/CL Datasheet(HTML) 281 Page - Microchip Technology

Back Button PIC17C752-16/CL Datasheet HTML 277Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 278Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 279Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 280Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 281Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 282Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 283Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 284Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 285Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 281
PIC17C7XX
22.1
Package Marking Information
68/84-Lead PLCC
AABBCDE
Example
64-Lead TQFP
MMMMMMMMMM
AABBCDE
MMMMMMMMMM
Example
9817CAE
68/84-Lead CERQUAD Windowed
Example
PIC17C756A
-08/L
9848CAE
MMMMMMMMMMMMMMMMM
AABBCDE
PIC17C756-04/CL
9850CAE
-08I/PT
PIC17C752
Legend: MM...M
Microchip part number information
XX...X
Customer specific information*
AA
Year code (last 2 digits of calendar year)
BB
Week code (week of January 1 is week ‘01’)
C
Facility code of the plant at which wafer is manufactured
O = Outside Vendor
C = 5” Line
S = 6” Line
H = 8” Line
D
Mask revision number
E
Assembly code of the plant or country of origin in which
part was assembled
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code, facility code, mask
rev#, and assembly code. For OTP marking beyond this, certain price adders apply. Please check with
your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price.
80-Lead TQFP
MMMMMMMMMMMM
AABBCDE
MMMMMMMMMMMM
Example
9817CAE
-08I/PT
PIC17C752
MMMMMMMMMM
MMMMMMMMMMMMMMMMM
MMMMMMMMMMMMMMMMM
MMMMMMMMMMMMMMMMM
MMMMMMMMMMMMMMMMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com