| Electronic Components Datasheet Search |
|
PIC17C752-16/CL Datasheet(PDF) 287 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C752-16/CL Datasheet(HTML) 287 Page - Microchip Technology |
|
287 / 328 page ![]() © 1998 Microchip Technology Inc. DS30289A-page 287 PIC17C7XX Figure E-6 and Figure E-7 show Master-transmitter and Master-receiver data transfer sequences. When a master does not wish to relinquish the bus (by generating a STOP condition), a repeated START con- dition (Sr) must be generated. This condition is identi- cal to the start condition (SDA goes high-to-low while SCL is high), but occurs after a data transfer acknowl- edge pulse (not the bus-free state). This allows a mas- ter to send “commands” to the slave and then receive the requested information or to address a different slave device. This sequence is shown in Figure E-8. FIGURE E-6: MASTER-TRANSMITTER SEQUENCE FIGURE E-7: MASTER-RECEIVER SEQUENCE FIGURE E-8: COMBINED FORMAT For 7-bit address: S Slave Address First 7 bits S R/W A1 Slave Address Second byte A2 Data A Data P A master transmitter addresses a slave receiver with a 10-bit address. A/A Slave Address R/W A Data A Data A/A P '0' (write) data transferred (n bytes - acknowledge) A master transmitter addresses a slave receiver with a 7-bit address. The transfer direction is not changed. From master to slave From slave to master A = acknowledge (SDA low) A = not acknowledge (SDA high) S = Start Condition P = Stop Condition (write) For 10-bit address: For 7-bit address: S Slave Address First 7 bits S R/W A1 Slave Address Second byte A2 A master transmitter addresses a slave receiver with a 10-bit address. Slave Address R/W A Data A Data A P '1' (read) data transferred (n bytes - acknowledge) A master reads a slave immediately after the first byte. From master to slave From slave to master A = acknowledge (SDA low) A = not acknowledge (SDA high) S = Start Condition P = Stop Condition (write) For 10-bit address: Slave Address First 7 bits Sr R/W A3 A Data A P Data (read) Combined format: S Combined format - A master addresses a slave with a 10-bit address, then transmits Slave Address R/W A Data A/A Sr P (read) Sr = repeated Transfer direction of data and acknowledgment bits depends on R/W bits. From master to slave From slave to master A = acknowledge (SDA low) A = not acknowledge (SDA high) S = Start Condition P = Stop Condition Slave Address First 7 bits Sr R/W A (write) data to this slave and reads data from this slave. Slave Address Second byte Data Sr Slave Address First 7 bits R/W A Data A A P A A Data A/A Data (read) Slave Address R/W A Data A/A Start Condition (write) Direction of transfer may change at this point (read or write) (n bytes + acknowledge) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |