Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-16/CL Datasheet(PDF) 123 Page - Microchip Technology

Part # PIC17C752-16/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-16/CL Datasheet(HTML) 123 Page - Microchip Technology

Back Button PIC17C752-16/CL Datasheet HTML 119Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 120Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 121Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 122Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 123Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 124Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 125Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 126Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 123
PIC17C7XX
14.2.2
USART ASYNCHRONOUS RECEIVER
The receiver block diagram is shown in Figure 14-4.
The data comes in the RX/DT pin and drives the data
recovery block. The data recovery block is actually a
high speed shifter operating at 16 times the baud rate,
whereas the main receive serial shifter operates at the
bit rate or at FOSC.
Once asynchronous mode is selected, reception is
enabled by setting bit CREN (RCSTA<4>).
The heart of the receiver is the receive (serial) shift reg-
ister (RSR). After sampling the stop bit, the received
data in the RSR is transferred to the RCREG (if it is
empty). If the transfer is complete, the interrupt bit,
RCIF, is set. The actual interrupt can be enabled/dis-
abled by setting/clearing the RCIE bit. RCIF is a read
only bit which is cleared by the hardware. It is cleared
when RCREG has been read and is empty. RCREG is
a double buffered register; (i.e. it is a two deep FIFO).
It is possible for two bytes of data to be received and
transferred to the RCREG FIFO and a third byte begin
shifting to the RSR. On detection of the stop bit of the
third byte, if the RCREG is still full, then the overrun
error bit, OERR (RCSTA<1>) will be set. The word in
the RSR will be lost. RCREG can be read twice to
retrieve the two bytes in the FIFO. The OERR bit has to
be cleared in software which is done by resetting the
receive logic (CREN is set). If the OERR bit is set,
transfers from the RSR to RCREG are inhibited, so it is
essential to clear the OERR bit if it is set. The framing
error bit FERR (RCSTA<2>) is set if a stop bit is not
detected.
14.2.3
SAMPLING
The data on the RX/DT pin is sampled three times by a
majority detect circuit to determine if a high or a low
level is present at the RX/DT pin. The sampling is done
on the seventh, eighth and ninth falling edges of a x16
clock (Figure 14-7).
The x16 clock is a free running clock, and the three
sample points occur at a frequency of every 16 falling
edges.
Note:
The FERR and the 9th receive bit are buff-
ered the same way as the receive data.
Reading the RCREG register will allow the
RX9D and FERR bits to be loaded with val-
ues for the next received Received data.
Therefore, it is essential for the user to
read the RCSTA register before reading
RCREG in order not to lose the old FERR
and RX9D information.
FIGURE 14-7: RX PIN SAMPLING SCHEME
FIGURE 14-8: START BIT DETECT
RX
baud CLK
x16 CLK
Start bit
Bit0
Samples
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
Baud CLK for all but start bit
(RX/DT pin)
RX
x16 CLK
Q2, Q4 CLK
Start bit
(RX/DT pin)
First rising edge of x16 clock after RX pin goes low
RX sampled low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com