Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-16/CL Datasheet(PDF) 160 Page - Microchip Technology

Part # PIC17C752-16/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-16/CL Datasheet(HTML) 160 Page - Microchip Technology

Back Button PIC17C752-16/CL Datasheet HTML 156Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 157Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 158Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 159Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 160Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 161Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 162Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 163Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 328 page
background image
PIC17C7XX
DS30289A-page 160
© 1998 Microchip Technology Inc.
15.2.12 I2C MASTER MODE RECEPTION
Master mode reception is enabled by programming the
receive enable bit, RCEN (SSPCON2<3>).
The baud rate generator begins counting, and
on
each rollover, the state of the SCL pin changes (high
to low/low to high), and data is shifted into the SSPSR.
After the falling edge of the eighth clock, the receive
enable flag is automatically cleared, the contents of
the SSPSR are loaded into the SSPBUF, the BF flag is
set, the SSPIF is set, and the baud rate generator is
suspended from counting, holding SCL low. The SSP
is now in IDLE state, awaiting the next command.
When the buffer is read by the CPU, the BF flag is
automatically cleared. The user can then send an
acknowledge bit at the end of reception, by setting the
acknowledge
sequence
enable
bit,
ACKEN
(SSPCON2<4>).
Note:
The SSP Module must be in an IDLE
STATE before the RCEN bit is set, or the
RCEN bit will be disregarded.
15.2.12.1 BF STATUS FLAG
In receive operation, BF is set when an address or
data byte is loaded into SSPBUF from SSPSR. It is
cleared when SSPBUF is read.
15.2.12.2 SSPOV STATUS FLAG
In receive operation, SSPOV is set when 8 bits are
received into the SSPSR, and the BF flag is already
set from a previous reception.
15.2.12.3 WCOL STATUS FLAG
If the user writes the SSPBUF when a receive is
already in progress (i.e. SSPSR is still shifting in a
data byte), then WCOL is set and the contents of the
buffer are unchanged (the write doesn’t occur).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com