Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-16/CL Datasheet(PDF) 180 Page - Microchip Technology

Part # PIC17C752-16/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-16/CL Datasheet(HTML) 180 Page - Microchip Technology

Back Button PIC17C752-16/CL Datasheet HTML 176Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 177Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 178Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 179Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 180Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 181Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 182Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 183Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 328 page
background image
PIC17C7XX
DS30289A-page 180
© 1998 Microchip Technology Inc.
Figure 16-4 shows the conversion sequence, and the
terms that are used. Acquisition time is the time that the
A/D module’s holding capacitor is connected to the
external voltage level. Then there is the conversion time
of 12 TAD, which is started when the GO bit is set. The
sum of these two times is the sampling time. There is a
minimum acquisition time to ensure that the holding
capacitor is charged to a level that will give the desired
accuracy for the A/D conversion.
FIGURE 16-4: A/D CONVERSION SEQUENCE
Acquisition Time
A/D Conversion Time
A/D Sample Time
When A/D holding capacitor starts to charge.
After A/D conversion, or when new A/D channel is selected
When A/D conversion is started
(setting the GO bit)
A/D conversion complete, result is loaded in ADRES register.
Holding capacitor begins acquiring voltage level on selected
channel ADIF bit is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com