Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-16/CL Datasheet(PDF) 235 Page - Microchip Technology

Part # PIC17C752-16/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-16/CL Datasheet(HTML) 235 Page - Microchip Technology

Back Button PIC17C752-16/CL Datasheet HTML 231Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 232Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 233Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 234Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 235Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 236Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 237Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 238Page - Microchip Technology PIC17C752-16/CL Datasheet HTML 239Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 328 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30289A-page 235
PIC17C7XX
20.0
PIC17C7 MXX ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Ambient temperature under bias............................................................................................................. -55˚C to +125˚C
Storage temperature .............................................................................................................................. -65˚C to +150˚C
Voltage on VDD with respect to VSS ............................................................................................................. 0V to +7.5V
Voltage on MCLR with respect to VSS (Note 2).......................................................................................... -0.3V to +14V
Voltage on RA2 and RA3 with respect to VSS............................................................................................ -0.3V to +8.5V
Voltage on all other pins with respect to VSS .................................................................................... -0.3V to VDD + 0.3V
Total power dissipation (Note 1) ................................................................................................................................1.0W
Maximum current out of VSS pin(s) - total (@ 70˚C) ............................................................................................500 mA
Maximum current into VDD pin(s) - total (@ 70˚C) ...............................................................................................500 mA
Input clamp current, IIK (VI < 0 or VI > VDD)..........................................................................................................
±20 mA
Output clamp current, IOK (VO < 0 or VO > VDD) ...................................................................................................
±20 mA
Maximum output current sunk by any I/O pin (except RA2 and RA3).....................................................................35 mA
Maximum output current sunk by RA2 or RA3 pins ................................................................................................60 mA
Maximum output current sourced by any I/O pin ....................................................................................................20 mA
Maximum current sunk by PORTA and PORTB (combined) .................................................................................150 mA
Maximum current sourced by PORTA and PORTB (combined)............................................................................100 mA
Maximum current sunk by PORTC, PORTD and PORTE (combined) ..................................................................150 mA
Maximum current sourced by PORTC, PORTD and PORTE (combined).............................................................100 mA
Maximum current sunk by PORTF and PORTG (combined) ................................................................................150 mA
Maximum current sourced by PORTF and PORTG (combined) ...........................................................................100 mA
Maximum current sunk by PORTH and PORTJ (combined) .................................................................................150 mA
Maximum current sourced by PORTH and PORTJ (combined)............................................................................100 mA
Note 1: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOL x IOL)
Note 2: Voltage spikes below VSS at the MCLR pin, inducing currents greater than 80 mA, may cause latch-up. Thus,
a series resistor of 50-100
Ω should be used when applying a "low" level to the MCLR pin rather than pulling
this pin directly to VSS.
† NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent dam-
age to the device. This is a stress rating only and functional operation of the device at those or any other
conditions above those indicated in the operation listings of this specification is not implied. Exposure to
maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com