Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18C658T-E/CL Datasheet(PDF) 190 Page - Microchip Technology

Part # PIC18C658T-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658T-E/CL Datasheet(HTML) 190 Page - Microchip Technology

Back Button PIC18C658T-E/CL Datasheet HTML 186Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 187Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 188Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 189Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 190Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 191Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 192Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 193Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 366 page
background image
PIC18CXX8
DS30475A-page 190
Advanced Information
 2000 Microchip Technology Inc.
17.2.2
CAN TRANSMIT BUFFER REGISTERS
This section describes the CAN Transmit Buffer Register
and the associated Transmit Buffer Control Registers.
REGISTER 17-4:
TXBnCON – TRANSMIT BUFFER n CONTROL REGISTER
REGISTER 17-5:
TXBnSIDH:TRANSMITBUFFERnSTANDARDIDENTIFIERHIGHBYTEREGISTER
U-0
R-0
R-0
R-0
R/W-0
U-0
R/W-0
R/W-0
—
TXABT
TXLARB
TXERR
TXREQ
—
TXPRI1
TXPRI0
bit 7
bit 0
bit 7
Unimplemented: Read as ’0’
bit 6
TXABT: Transmission Aborted Status bit
1
= Message was aborted
0
= Message was not aborted
bit 5
TXLARB: Transmission Lost Arbitration Status bit
1
= Message lost arbitration while being sent
0
= Message did not lose arbitration while being sent
bit 4
TXERR: Transmission Error Detected Status bit
1
= A bus error occurred while the message was being sent
0
= A bus error did not occur while the message was being sent
bit 3
TXREQ: Transmit Request Status bit
1
= Requests sending a message. Clears the TXABT, TLARB, and TXERR bits
0
= Automatically cleared when the message is successfully sent
Note:
Clearing this bit in software, while the bit is set, will request a message abort.
bit 2
Unimplemented: Read as ’0’
bit 1-0
TXPRI1:TXPRI0: Transmit Priority bits
11
= Priority Level 3 (Highest Priority)
10
= Priority Level 2
01
= Priority Level 1
00
= Priority Level 0 (Lowest Priority)
Note:
These bits set the order in which Transmit buffer will be transferred. They do not
alter CAN message identifier.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
bit 7
bit 0
bit 7-0
SID10:SID3: Standard Identifier bits, if EXIDE = 0 (TXBnSID Register).
Extended Identifier bits EID28:EID21, if EXIDE = 1.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com