Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18C658T-E/CL Datasheet(PDF) 203 Page - Microchip Technology

Part # PIC18C658T-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658T-E/CL Datasheet(HTML) 203 Page - Microchip Technology

Back Button PIC18C658T-E/CL Datasheet HTML 199Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 200Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 201Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 202Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 203Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 204Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 205Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 206Page - Microchip Technology PIC18C658T-E/CL Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 366 page
background image
 2000 Microchip Technology Inc.
Advanced Information
DS30475A-page 203
PIC18CXX8
REGISTER 17-30: BRGCON2 – BAUD RATE CONTROL REGISTER 2
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SEG2PHTS
SAM
SEG1PH2 SEG1PH1 SEG1PH0 PRSEG2 PRSEG1
PRSEG0
bit 7
bit 0
bit 7
SEG2PHTS: Phase Segment 2 Time Select bit
1
= Freely programmable
0
= Maximum of PHEG1 or Information Processing Time (IPT), whichever is greater
bit 6
SAM: Sample of the CAN Bus Line bit
1
= Bus line is sampled three times prior to the sample point
0
= Bus line is sampled once at the sample point
bit 5-3
SEG1PH2:SEG1PH0: Phase Segment 1 bits
111
= Phase Segment 1 Time = 8 x TQ
110
= Phase Segment 1 Time = 7 x TQ
101
= Phase Segment 1 Time = 6 x TQ
100
= Phase Segment 1 Time = 5 x TQ
011
= Phase Segment 1 Time = 4 x TQ
010
= Phase Segment 1 Time = 3 x TQ
001
= Phase Segment 1 Time = 2 x TQ
000
= Phase Segment 1 Time = 1 x TQ
bit 2-0
PRSEG2:PRSEG0: Propagation Time Select bits
111
= Propagation Time = 8 x TQ
110
= Propagation Time = 7 x TQ
101
= Propagation Time = 6 x TQ
100
= Propagation Time = 5 x TQ
011
= Propagation Time = 4 x TQ
010
= Propagation Time = 3 x TQ
001
= Propagation Time = 2 x TQ
000
= Propagation Time = 1 x TQ
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
Note:
This register is only accessible in Configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com