Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F877-20/P Datasheet(PDF) 136 Page - Microchip Technology

Part # PIC16F877-20/P
Description  28/40-pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877-20/P Datasheet(HTML) 136 Page - Microchip Technology

Back Button PIC16F877-20/P Datasheet HTML 132Page - Microchip Technology PIC16F877-20/P Datasheet HTML 133Page - Microchip Technology PIC16F877-20/P Datasheet HTML 134Page - Microchip Technology PIC16F877-20/P Datasheet HTML 135Page - Microchip Technology PIC16F877-20/P Datasheet HTML 136Page - Microchip Technology PIC16F877-20/P Datasheet HTML 137Page - Microchip Technology PIC16F877-20/P Datasheet HTML 138Page - Microchip Technology PIC16F877-20/P Datasheet HTML 139Page - Microchip Technology PIC16F877-20/P Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 218 page
background image
PIC16F87X
DS30292C-page 134
 2001 Microchip Technology Inc.
12.17
In-Circuit Serial Programming
PIC16F87X microcontrollers can be serially pro-
grammed while in the end application circuit. This is
simply done with two lines for clock and data and three
other lines for power, ground, and the programming
voltage. This allows customers to manufacture boards
with unprogrammed devices, and then program the
microcontroller just before shipping the product. This
also allows the most recent firmware, or a custom firm-
ware to be programmed.
When using ICSP, the part must be supplied at 4.5V to
5.5V, if a bulk erase will be executed. This includes
reprogramming of the code protect, both from an on-
state to off-state. For all other cases of ICSP, the part
may be programmed at the normal operating voltages.
This means calibration values, unique user IDs, or user
code can be reprogrammed or added.
For complete details of serial programming, please
refer to the EEPROM Memory Programming Specifica-
tion for the PIC16F87X (DS39025).
12.18 Low Voltage ICSP Programming
The LVP bit of the configuration word enables low volt-
age ICSP programming. This mode allows the micro-
controller to be programmed via ICSP using a VDD
source in the operating voltage range. This only means
that VPP does not have to be brought to VIHH, but can
instead be left at the normal operating voltage. In this
mode, the RB3/PGM pin is dedicated to the program-
ming function and ceases to be a general purpose I/O
pin. During programming, VDD is applied to the MCLR
pin. To enter Programming mode, VDD must be applied
to the RB3/PGM, provided the LVP bit is set. The LVP
bit defaults to on (‘1’) from the factory.
If Low Voltage Programming mode is not used, the LVP
bit can be programmed to a '0' and RB3/PGM becomes
a digital I/O pin. However, the LVP bit may only be pro-
grammed when programming is entered with VIHH on
MCLR. The LVP bit can only be charged when using
high voltage on MCLR.
It should be noted, that once the LVP bit is programmed
to 0, only the High Voltage Programming mode is avail-
able and only High Voltage Programming mode can be
used to program the device.
When using low voltage ICSP, the part must be supplied
at 4.5V to 5.5V, if a bulk erase will be executed. This
includes reprogramming of the code protect bits from an
on-state to off-state. For all other cases of low voltage
ICSP, the part may be programmed at the normal oper-
ating voltage. This means calibration values, unique
user IDs, or user code can be reprogrammed or added.
Note 1: The High Voltage Programming mode is
always available, regardless of the state
of the LVP bit, by applying VIHH to the
MCLR pin.
2: While in Low Voltage ICSP mode, the
RB3 pin can no longer be used as a gen-
eral purpose I/O pin.
3: When using low voltage ICSP program-
ming (LVP) and the pull-ups on PORTB
are enabled, bit 3 in the TRISB register
must be cleared to disable the pull-up on
RB3 and ensure the proper operation of
the device.
4: RB3 should not be allowed to float if LVP
is enabled. An external pull-down device
should be used to default the device to
normal operating mode. If RB3 floats
high, the PIC16F87X device will enter
Programming mode.
5: LVP mode is enabled by default on all
devices shipped from Microchip. It can be
disabled by clearing the LVP bit in the
CONFIG register.
6: Disabling LVP will provide maximum com-
patibility to other PIC16CXXX devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com