Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC712-04/P Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC16LC712-04/P
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712-04/P Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC16LC712-04/P Datasheet HTML 100Page - Microchip Technology PIC16LC712-04/P Datasheet HTML 101Page - Microchip Technology PIC16LC712-04/P Datasheet HTML 102Page - Microchip Technology PIC16LC712-04/P Datasheet HTML 103Page - Microchip Technology PIC16LC712-04/P Datasheet HTML 104Page - Microchip Technology PIC16LC712-04/P Datasheet HTML 105Page - Microchip Technology PIC16LC712-04/P Datasheet HTML 106Page - Microchip Technology PIC16LC712-04/P Datasheet HTML 107Page - Microchip Technology PIC16LC712-04/P Datasheet HTML 108Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 107 / 108 page
background image
PIC16C712/716
© 1999 Microchip Technology Inc.
Preliminary
DS41106A-page 107
PIC16C712/716 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
* JW Devices are UV erasable and can be programmed to any device configuration. JW Devices meet the electrical requirement of
each oscillator type (including LC devices).
Sales and Support
PART NO.
-XX
X
/XX
XXX
Pattern
Package
Temperature
Range
Frequency
Range
Device
Device
PIC16C712(1), PIC16C712T(2);VDD range 4.0V to 5.5V
PIC16LC712(1), PIC16LC712T(2);VDD range 2.5V to 5.5V
PIC16C716(1), PIC16C716T(2);VDD range 4.0V to 5.5V
PIC16LC716(1), PIC16LC716T(2);VDD range 2.5V to 5.5V
Frequency Range
04
= 4 MHz
20
= 20 MHz
Temperature Range
blank
=
0
°C to
70
°C
(Commercial)
I= -40
°C to +85°C
(Industrial)
E= -40
°C to +125°C
(Extended)
Package
JW
=
Windowed CERDIP
SO
=
SOIC
P=
PDIP
SS
=
SSOP
Pattern
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC16C716 - 04/P 301 = Commercial temp.,
PDIP package, 4 MHz, normal
VDD limits, QTP
pattern #301.
b)
PIC16LC712 - 04I/SO = Industrial temp., SOIC
package, 200 kHz, Extended VDD limits.
c)
PIC16C712 - 20I/P = Industrial temp., PDIP
package, 20MHz, normal VDD limits.
Note 1:
C
= CMOS
LC
= Low Power CMOS
2:
T
= in tape and reel - SOIC, SSOP
packages only.
3:
LC extended temperature device is not
offered.
4:
LC is not offered at 20 MHz
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 786-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com