Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C44-16/P Datasheet(PDF) 237 Page - Microchip Technology

Part # PIC17C44-16/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-16/P Datasheet(HTML) 237 Page - Microchip Technology

Back Button PIC17C44-16/P Datasheet HTML 232Page - Microchip Technology PIC17C44-16/P Datasheet HTML 233Page - Microchip Technology PIC17C44-16/P Datasheet HTML 234Page - Microchip Technology PIC17C44-16/P Datasheet HTML 235Page - Microchip Technology PIC17C44-16/P Datasheet HTML 236Page - Microchip Technology PIC17C44-16/P Datasheet HTML 237Page - Microchip Technology PIC17C44-16/P Datasheet HTML 238Page - Microchip Technology PIC17C44-16/P Datasheet HTML 239Page - Microchip Technology PIC17C44-16/P Datasheet HTML 240Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 237 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 237
PIC17C4X
PIC17C4X Product Identification System
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
Sales and Support
Products supported by a preliminary Data Sheet may possibly have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.Your local Microchip sales office (see below)
2.The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
3.The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
For latest version information and upgrade kits for Microchip Development Tools, please call 1-800-755-2345 or 1-602-786-7302.
Pattern:
QTP, SQTP, ROM Code (factory specified) or
Special Requirements. Blank for OTP and
Windowed devices
Package:
P
= PDIP
JW
= Windowed CERDIP
P
= PDIP (600 mil)
PQ
= MQFP
PT
= TQFP
L
= PLCC
Temperature
–
= 0˚C to +70˚C
Range:
I
= –40˚C to +85˚C
Frequency
08
= 8 MHz
Range:
16
= 16 MHz
25
= 25 Mhz
33
= 33 Mhz
Device:
PIC17C44
: Standard Vdd range
PIC17C44T
: (Tape and Reel)
PIC17LC44
: Extended Vdd range
PART NO. – XX X /XX XXX
Examples
a)
PIC17C42 – 16/P
Commercial
Temp.,
PDIP
package,
16 MHZ,
normal
VDD limits
b)
PIC17LC44 – 08/PT
Commercial
Temp.,
TQFP
package,
8MHz,
extended
VDD limits
c)
PIC17C43
–
25I/P
Industrial
Temp.,
PDIP
package,
25 MHz,
normal
VDD limits
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com