Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C44-16/PQ Datasheet(PDF) 232 Page - Microchip Technology

Part # PIC17C44-16/PQ
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-16/PQ Datasheet(HTML) 232 Page - Microchip Technology

Back Button PIC17C44-16/PQ Datasheet HTML 228Page - Microchip Technology PIC17C44-16/PQ Datasheet HTML 229Page - Microchip Technology PIC17C44-16/PQ Datasheet HTML 230Page - Microchip Technology PIC17C44-16/PQ Datasheet HTML 231Page - Microchip Technology PIC17C44-16/PQ Datasheet HTML 232Page - Microchip Technology PIC17C44-16/PQ Datasheet HTML 233Page - Microchip Technology PIC17C44-16/PQ Datasheet HTML 234Page - Microchip Technology PIC17C44-16/PQ Datasheet HTML 235Page - Microchip Technology PIC17C44-16/PQ Datasheet HTML 236Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 240 page
background image
PIC17C4X
DS30412C-page 232
© 1996 Microchip Technology Inc.
Figure 6-12:
Program Counter using The CALL and
GOTO Instructions ...................................... 41
Figure 6-13:
BSR Operation (PIC17C43/R43/44) ........... 42
Figure 7-1:
TLWT Instruction Operation........................ 43
Figure 7-2:
TABLWT Instruction Operation ................... 43
Figure 7-3:
TLRD Instruction Operation ........................ 44
Figure 7-4:
TABLRD Instruction Operation ................... 44
Figure 7-5:
TABLWT Write Timing
(External Memory) ...................................... 46
Figure 7-6:
Consecutive TABLWT Write Timing
(External Memory) ...................................... 47
Figure 7-7:
TABLRD Timing .......................................... 48
Figure 7-8:
TABLRD Timing (Consecutive TABLRD
Instructions) ................................................ 48
Figure 9-1:
RA0 and RA1 Block Diagram ..................... 53
Figure 9-2:
RA2 and RA3 Block Diagram ..................... 54
Figure 9-3:
RA4 and RA5 Block Diagram ..................... 54
Figure 9-4:
Block Diagram of RB<7:4> and RB<1:0>
Port Pins ..................................................... 55
Figure 9-5:
Block Diagram of RB3 and RB2 Port Pins .. 56
Figure 9-6:
Block Diagram of RC<7:0> Port Pins ......... 58
Figure 9-7:
PORTD Block Diagram
(in I/O Port Mode) ....................................... 60
Figure 9-8:
PORTE Block Diagram
(in I/O Port Mode) ....................................... 62
Figure 9-9:
Successive I/O Operation ........................... 64
Figure 11-1:
T0STA Register (Address: 05h,
Unbanked) .................................................. 67
Figure 11-2:
Timer0 Module Block Diagram ................... 68
Figure 11-3:
TMR0 Timing with External Clock
(Increment on Falling Edge) ....................... 68
Figure 11-4:
TMR0 Timing: Write High or Low Byte ....... 69
Figure 11-5:
TMR0 Read/Write in Timer Mode ............... 70
Figure 12-1:
TCON1 Register (Address: 16h, Bank 3) ... 71
Figure 12-2:
TCON2 Register (Address: 17h, Bank 3) ... 72
Figure 12-3:
Timer1 and Timer2 in Two 8-bit
Timer/Counter Mode ................................... 73
Figure 12-4:
TMR1 and TMR2 in 16-bit Timer/Counter
Mode ........................................................... 74
Figure 12-5:
Simplified PWM Block Diagram .................. 75
Figure 12-6:
PWM Output ............................................... 75
Figure 12-7:
Timer3 with One Capture and One
Period Register Block Diagram................... 78
Figure 12-8:
Timer3 with Two Capture Registers
Block Diagram ............................................ 79
Figure 12-9:
TMR1, TMR2, and TMR3 Operation in
External Clock Mode................................... 80
Figure 12-10: TMR1, TMR2, and TMR3 Operation in
Timer Mode................................................. 81
Figure 13-1:
TXSTA Register (Address: 15h, Bank 0) .... 83
Figure 13-2:
RCSTA Register (Address: 13h, Bank 0) ... 84
Figure 13-3:
USART Transmit......................................... 85
Figure 13-4:
USART Receive.......................................... 85
Figure 13-5:
Asynchronous Master Transmission........... 90
Figure 13-6:
Asynchronous Master Transmission
(Back to Back) ............................................ 90
Figure 13-7:
RX Pin Sampling Scheme .......................... 91
Figure 13-8:
Asynchronous Reception ............................ 92
Figure 13-9:
Synchronous Transmission ........................ 94
Figure 13-10: Synchronous Transmission
(Through TXEN) ......................................... 94
Figure 13-11: Synchronous Reception (Master Mode,
SREN)......................................................... 95
Figure 14-1:
Configuration Word ..................................... 99
Figure 14-2:
Crystal or Ceramic Resonator Operation
(XT or LF OSC Configuration) .................. 100
Figure 14-3:
Crystal Operation, Overtone Crystals
(XT OSC Configuration) ........................... 101
Figure 14-4:
External Clock Input Operation
(EC OSC Configuration) ........................... 101
Figure 14-5:
External Parallel Resonant Crystal
Oscillator Circuit ....................................... 102
Figure 14-6:
External Series Resonant Crystal
Oscillator Circuit ....................................... 102
Figure 14-7:
RC Oscillator Mode .................................. 102
Figure 14-8:
Watchdog Timer Block Diagram............... 104
Figure 14-9:
Wake-up From Sleep Through Interrupt... 105
Figure 15-1:
General Format for Instructions................ 108
Figure 15-2:
Q Cycle Activity ........................................ 109
Figure 17-1:
Parameter Measurement Information....... 154
Figure 17-2:
External Clock Timing .............................. 155
Figure 17-3:
CLKOUT and I/O Timing .......................... 156
Figure 17-4:
Reset, Watchdog Timer,
Oscillator Start-Up Timer and
Power-Up Timer Timing ........................... 157
Figure 17-5:
Timer0 Clock Timings............................... 158
Figure 17-6:
Timer1, Timer2, And Timer3 Clock
Timings ..................................................... 158
Figure 17-7:
Capture Timings ....................................... 159
Figure 17-8:
PWM Timings ........................................... 159
Figure 17-9:
USART Module: Synchronous
Transmission (Master/Slave) Timing ........ 160
Figure 17-10: USART Module: Synchronous Receive
(Master/Slave) Timing .............................. 160
Figure 17-11: Memory Interface Write Timing ................ 161
Figure 17-12: Memory Interface Read Timing ................ 162
Figure 18-1:
Typical RC Oscillator Frequency
vs. Temperature ....................................... 163
Figure 18-2:
Typical RC Oscillator Frequency
vs. VDD ..................................................... 164
Figure 18-3:
Typical RC Oscillator Frequency
vs. VDD ..................................................... 164
Figure 18-4:
Typical RC Oscillator Frequency
vs. VDD ..................................................... 165
Figure 18-5:
Transconductance (gm) of LF Oscillator
vs. VDD ..................................................... 166
Figure 18-6:
Transconductance (gm) of XT Oscillator
vs. VDD ..................................................... 166
Figure 18-7:
Typical IDD vs. Frequency (External
Clock 25
°C) .............................................. 167
Figure 18-8:
Maximum IDD vs. Frequency (External
Clock 125
°C to -40°C).............................. 167
Figure 18-9:
Typical IPD vs. VDD Watchdog
Disabled 25
°C .......................................... 168
Figure 18-10: Maximum IPD vs. VDD Watchdog
Disabled ................................................... 168
Figure 18-11: Typical IPD vs. VDD Watchdog
Enabled 25
°C ........................................... 169
Figure 18-12: Maximum IPD vs. VDD Watchdog
Enabled .................................................... 169
Figure 18-13: WDT Timer Time-Out Period vs. VDD ...... 170
Figure 18-14: IOH vs. VOH, VDD = 3V.............................. 170
Figure 18-15: IOH vs. VOH, VDD = 5V.............................. 171
Figure 18-16: IOL vs. VOL, VDD = 3V............................... 171
Figure 18-17: IOL vs. VOL, VDD = 5V............................... 172
Figure 18-18: VTH (Input Threshold Voltage) of
I/O Pins (TTL) VS. VDD ............................. 172
Figure 18-19: VTH, VIL of I/O Pins (Schmitt Trigger) VS.
VDD ........................................................... 173
Figure 18-20: VTH (Input Threshold Voltage) of OSC1
Input (In XT and LF Modes) vs. VDD ........ 173
Figure 19-1:
Parameter Measurement Information....... 183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com