Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71-10/P Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC16LC71-10/P
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10/P Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC16LC71-10/P Datasheet HTML 149Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 150Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 151Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 152Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 153Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 154Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 155Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 156Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 153
PIC16C71X
Applicable Devices
710 71 711 715
FIGURE 16-17: TRANSCONDUCTANCE (gm)
OF LP OSCILLATOR VS. VDD
FIGURE 16-18: TRANSCONDUCTANCE (gm)
OF XT OSCILLATOR VS. VDD
Min, 85
°C
Typ, 25
°C
Max, -40
°C
225
200
175
150
125
100
75
50
25
0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (Volts)
Min, 85
°C
Typ, 25
°C
Max, -40
°C
2
3
4
5
6
7
VDD (Volts)
2500
2000
1500
1000
500
0
FIGURE 16-19: IOH VS. VOH, VDD = 3V
FIGURE 16-20: IOH VS. VOH, VDD = 5V
Min, 85
°C
Typ, 25
°C
Max, -40
°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VOH (Volts)
0
-5
-10
-15
-20
-25
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VOH (Volts)
Min @ 85
°C
Typ @ 25
°C
Max @ -40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com