Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71-10/P Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC16LC71-10/P
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10/P Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC16LC71-10/P Datasheet HTML 168Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 169Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 170Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 171Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 172Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 173Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 174Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 175Page - Microchip Technology PIC16LC71-10/P Datasheet HTML 176Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 173 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 173
PIC16C71X
PIC16C71X PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery refer to the factory or the listed sales office.
* JW Devices are UV erasable and can be programmed to any device configuration. JW Devices meet the electrical requirement of
each oscillator type (including LC devices).
PART NO. -XX X /XX XXX
Pattern:
QTP, SQTP, Code or Special Requirements
Package:
JW
= Windowed CERDIP
SO
= SOIC
SP
= Skinny plastic dip
P
= PDIP
SS
= SSOP
Temperature
Range:
-
= 0
°C to +70°C
I
= -40
°C to +85°C
E
= -40
°C to +125°C
Frequency
Range:
04
= 200 kHz (PIC16C7X-04)
04
= 4 MHz
10
= 10 MHz
20
= 20 MHz
Device
PIC16C7X
:VDD range 4.0V to 6.0V
PIC16C7XT
:VDD range 4.0V to 6.0V (Tape/Reel)
PIC16LC7X
:VDD range 2.5V to 6.0V
PIC16LC7XT :VDD range 2.5V to 6.0V (Tape/Reel)
Examples
a)
PIC16C71 - 04/P 301
Commercial Temp.,
PDIP Package, 4 MHz,
normal VDD limits, QTP
pattern #301
b)
Sales and Support
Products supported by a preliminary Data Sheet may possibly have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
Your local Microchip sales office (see below)
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
For latest version information and upgrade kits for Microchip Development Tools, please call 1-800-755-2345 or 1-602-786-7302.
1.
2.
3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com