Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F72/SO Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC16F72/SO
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72/SO Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC16F72/SO Datasheet HTML 121Page - Microchip Technology PIC16F72/SO Datasheet HTML 122Page - Microchip Technology PIC16F72/SO Datasheet HTML 123Page - Microchip Technology PIC16F72/SO Datasheet HTML 124Page - Microchip Technology PIC16F72/SO Datasheet HTML 125Page - Microchip Technology PIC16F72/SO Datasheet HTML 126Page - Microchip Technology PIC16F72/SO Datasheet HTML 127Page - Microchip Technology PIC16F72/SO Datasheet HTML 128Page - Microchip Technology PIC16F72/SO Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 136 page
background image
 2002 Microchip Technology Inc.
DS39597B-page 123
PIC16F72
APPENDIX A:
REVISION HISTORY
APPENDIX B:
CONVERSION CONSIDERATIONS
Considerations for converting from previous versions of devices to the ones listed in this data sheet are listed in Table B-1.
TABLE B-1:
CONVERSION CONSIDERATIONS
Version
Date
Revision Description
A
April 2002
This is a new data sheet. However, this device is similar to the PIC16C72 device
found in the PIC16C7X Data Sheet (DS30390), the PIC16C72A Data Sheet
(DS35008) or the PIC16F872 device (DS30221).
B
May 2002
Final data sheet. Includes device characterization data. Minor typographic
revisions throughout.
Characteristic
PIC16C72/72A
PIC16F872
PIC16F72
Pins
28
28
28
Timers
3
3
3
Interrupts
8
10
8
Communication
Basic SSP/SSP
(SPI, I2C Slave)
MSSP
(SPI, I2C Master/Slave)
SSP
(SPI, I2C Slave)
Frequency
20 MHz
20 MHz
20 MHz
A/D
8-bit, 5 Channels
10-bit, 5 Channels
8-bit, 5 Channels
CCP
1
1
1
Program Memory
2K EPROM
2K FLASH
(1,000 E/W cycles)
2K FLASH
(1000 E/W cycles)
RAM
128 bytes
128 bytes
128 bytes
EEPROM Data
None
64 bytes
None
Other
—
In-Circuit Debugger,
Low Voltage Programming
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com